Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT28C010 Datasheet(PDF) 18 Page - Microchip Technology

Part # AT28C010
Description  Military Grade 1-Mbit (131,072 x 8) Paged Parallel EEPROM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT28C010 Datasheet(HTML) 18 Page - Microchip Technology

Back Button AT28C010 Datasheet HTML 14Page - Microchip Technology AT28C010 Datasheet HTML 15Page - Microchip Technology AT28C010 Datasheet HTML 16Page - Microchip Technology AT28C010 Datasheet HTML 17Page - Microchip Technology AT28C010 Datasheet HTML 18Page - Microchip Technology AT28C010 Datasheet HTML 19Page - Microchip Technology AT28C010 Datasheet HTML 20Page - Microchip Technology AT28C010 Datasheet HTML 21Page - Microchip Technology AT28C010 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
5.15
Data Polling Waveforms
High-Z
WE
CE
OE
A0-A16
I/O7
t
DH
t
WR
t
OE
t
OEH
A
N
A
N
A
N
A
N
A
N
5.16
Toggle Bit Characteristics(1)
Table 5-6. Toggle Bit Characteristics
Parameter
Symbol
Minimum
Typical
Maximum
Units
Data Hold Time
tDH
10
—
—
ns
OE Hold Time
tOEH
10
—
—
ns
OE to Output Delay(2)
tOE
—
—
—
ns
OE High Pulse(2)
tOEHP
150
—
—
ns
Write Recovery Time
tWR
0
—
—
ns
Note: 
1.
These parameters are characterized and not 100% tested.
2.
See AC Read Characteristics.
5.17
Toggle Bit Waveforms
(
2)
WE
CE
OE
I/O6
t
OEH
t
DH
t
OE
High-Z
t
WR
AT28C010
Device Operation
© 2020 Microchip Technology Inc.
DS20006311A-page 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com