Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSA400 Datasheet(PDF) 9 Page - Microchip Technology

Part # DSA400
Description  Configurable Four Output, Low Jitter Clock Generator for Automotive
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA400 Datasheet(HTML) 9 Page - Microchip Technology

Back Button DSA400 Datasheet HTML 5Page - Microchip Technology DSA400 Datasheet HTML 6Page - Microchip Technology DSA400 Datasheet HTML 7Page - Microchip Technology DSA400 Datasheet HTML 8Page - Microchip Technology DSA400 Datasheet HTML 9Page - Microchip Technology DSA400 Datasheet HTML 10Page - Microchip Technology DSA400 Datasheet HTML 11Page - Microchip Technology DSA400 Datasheet HTML 12Page - Microchip Technology DSA400 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
 2020 Microchip Technology Inc.
DS20006356A-page 9
DSA400
4.4
LVCMOS
50 Ω
27Ω
FIGURE 4-4:
Typical LVCMOS Termination Scheme.
The 27Ω Series resistor complements the output impedance of about 23Ω to 50Ω impedance to match the line 50Ω
characteristic impedance to prevent reflections from the driver back to the receiver.
TABLE 4-4:
LVCMOS OUTPUTS
Parameter
Symbol
Min.
Typ.
Max.
Units
Condition
Output Logic
Levels
VOH
0.9 x VDD
—
—
V
Output Logic High, I = ±6 mA
VOL
—
—
0.1 x VDD
Output Logic Low, I = ±6 mA
Output
Transition Time
(Note 1)
tR
—
1.1
2.0
ns
Rise Time, 20% to 80%, CL= 15 pF
tF
—
1.3
2.0
Fall Time, 20% to 80%, CL= 15 pF
Frequency
f0
—
—
100
MHz
—
Output Duty
Cycle
SYM
44
—
55
%
—
IO Supply
Current (Note 2)
IDDIO
—
11
14
mA
Per Output at 125 MHz, CL = 15 pF
Period Jitter
JPER
—
3
—
psRMS CLK(0:3) = 125 MHz
Integrated
Phase Noise
JPH
—
0.3
—
psRMS
200 kHz to 20 MHz @ 125 MHz
—
0.38
—
100 kHz to 20 MHz @ 125 MHz
—
1.7
2.0
12 kHz to 20 MHz @125 MHz
Note 1: See the Output Waveform section for more information.
2: The addition of IDDCORE and IDDIO provides the total current consumption of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com