Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSW-10-AS Datasheet(PDF) 1 Page - Festo Corporation.

Part # HSW-10-AS
Description  Pick and place machine
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

HSW-10-AS Datasheet(HTML) 1 Page - Festo Corporation.

  HSW-10-AS Datasheet HTML 1Page - Festo Corporation. HSW-10-AS Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pick and place machine
HSW-10-AS
Part number: 540226
Data sheet
Feature
Value
Working stroke
9 mm ... 15 mm
Size
10
Max. linear stroke at 90° swivel angle
90/90 mm
Z-stroke
80 mm ... 100 mm
Type code
HSW
Cushioning
Acoustic insulation via buffers
Mounting position
Any
Design
Actuator shaft
Linear guide plus ball bearing
Positively driven motion sequence
Position sensing
For proximity sensor
Repetition accuracy end positions
+/-0.02 mm
Ambient temperature
0 °C ... 60 °C
Max. driving torque on actuator shaft
0.85 Nm
Max. axial force at actuator shaft
10 N
Max. torque Mx
0.6 Nm
Max. torque My
0.6 Nm
Max. torque Mz
0.6 Nm
Max. payload
0.5 kg
Max. radial force on actuator shaft
30 N
Maximum process force in y direction
30 N
Product weight
1200 g
Type of mounting
Via through-hole and centering sleeve
Note on materials
Free of copper and PTFE
Stops material
High-alloy steel
Spring pressure piece material
High-alloy steel
Base plate material
Wrought aluminum alloy
Anodized
Retaining bracket material
Wrought aluminum alloy
Anodized
Cross guide material
Tempered steel
Swivel lever material
Case-hardened steel
Burnished
Link material
Case-hardened steel
Hardened
Sensor rail material
Wrought aluminum alloy
Anodized
2/22/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - HSW-10-AS

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
HSW-10-AS-SD FESTO-HSW-10-AS-SD Datasheet
80Kb / 2P
Pick and place machine
More results

Similar Description - HSW-10-AS

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
HSP-12-AP-WR FESTO-HSP-12-AP-WR Datasheet
99Kb / 2P
Pick and place machine
HSP-16-AS FESTO-HSP-16-AS Datasheet
86Kb / 2P
Pick and place machine
HSP-25-AP-SD FESTO-HSP-25-AP-SD Datasheet
83Kb / 2P
Pick and place machine
HSP-25-AP-SD-WL FESTO-HSP-25-AP-SD-WL Datasheet
84Kb / 2P
Pick and place machine
HSP-25-AP-SD-WR FESTO-HSP-25-AP-SD-WR Datasheet
84Kb / 2P
Pick and place machine
HSW-10-AP FESTO-HSW-10-AP Datasheet
81Kb / 2P
Pick and place machine
HSW-10-AP-SD FESTO-HSW-10-AP-SD Datasheet
79Kb / 2P
Pick and place machine
HSW-10-AS-SD FESTO-HSW-10-AS-SD Datasheet
80Kb / 2P
Pick and place machine
HSW-12-AP-SD-AW FESTO-HSW-12-AP-SD-AW Datasheet
82Kb / 2P
Pick and place machine
HSW-12-AS FESTO-HSW-12-AS Datasheet
71Kb / 2P
Pick and place machine
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com