Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAT308 Datasheet(PDF) 2 Page - Nihon Inter Electronics Corporation

Part # PAT308
Description  THYRISTOR MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PAT308 Datasheet(HTML) 2 Page - Nihon Inter Electronics Corporation

  PAT308 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PAT308 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PAT308 Datasheet HTML 3Page - Nihon Inter Electronics Corporation PAT308 Datasheet HTML 4Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical
• Thermal Characteristics
Maximum Value.
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Peak Off-State Current
IDM
VDM= VDRM, Tj=125
°C
20
mA
Peak On-State Voltage
VTM
ITM= 90A, Tj=25
°C
1.45
V
Tj=-40
°C
200
Tj=25
°C
100
Gate Current to Trigger
IGT
VD=6V,IT=1A
Tj=125
°C
50
mA
Tj=-40
°C
4
Tj=25
°C
2.5
Gate Voltage to Trigger
VGT
VD=6V,IT=1A
Tj=125
°C
2
V
Gate Non-Trigger Voltage
VGD
VD=2/3VDRM Tj=125
°C
0.25
V
Critical Rate of Rise of Off-State
Voltage
dv/dt VD=2/3VDRM Tj=125
°C
500
V/
µs
Turn-Off Time
tq
ITM=IO,VD=2/3VDRM
dv/dt=20V/
µs, VR=100V
-di/dt=20A/
µs, Tj=125°C
100
µs
Turn-On Time
tgt
6
µs
Delay Time
td
2
µs
Rise Time
tr
Tj=25
°C, ITM=IT(RMS)
VD=100V, IG=200mA
diG/dt=0.2A/
µs
4
µs
Latching Current
IL
Tj=25
°C
100
mA
Holding Current
IH
Tj=25
°C
50
Rth(j-c) Junction to Case
0.35
Thermal Resistance *1
Rth(c-f)
Base Plate to Heat Sink
with Thermal Compound
0.1
°C/W
Value Per 1Arm
*1: Value Per Module



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com