Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD34CNFLFPCP2 Datasheet(PDF) 5 Page - Carlo Gavazzi Holding AG

Part # CD34CNFLFPCP2
Description  Capacitive sensor, Foreground Suppression
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

CD34CNFLFPCP2 Datasheet(HTML) 5 Page - Carlo Gavazzi Holding AG

  CD34CNFLFPCP2 Datasheet HTML 1Page - Carlo Gavazzi Holding AG CD34CNFLFPCP2 Datasheet HTML 2Page - Carlo Gavazzi Holding AG CD34CNFLFPCP2 Datasheet HTML 3Page - Carlo Gavazzi Holding AG CD34CNFLFPCP2 Datasheet HTML 4Page - Carlo Gavazzi Holding AG CD34CNFLFPCP2 Datasheet HTML 5Page - Carlo Gavazzi Holding AG CD34CNFLFPCP2 Datasheet HTML 6Page - Carlo Gavazzi Holding AG CD34CNFLFPCP2 Datasheet HTML 7Page - Carlo Gavazzi Holding AG CD34CNFLFPCP2 Datasheet HTML 8Page - Carlo Gavazzi Holding AG CD34CNFLFPCP2 Datasheet HTML 9Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Carlo Gavazzi Industri A/S
CD34CNFLFxxx
CD34CNFLFxxx ENG
03/08/2020
Indication
Normal mode
Green LED
Yellow LED
Power
Output
OFF
OFF
OFF
OFF
ON
OFF
ON
OFF
ON
ON
ON
ON
Output short circuit
Green LED
Yellow LED
Output
OFF
Flashes 4Hz
Yellow LED flashes minimum 1 sec.
Teach by wire
Out of the box (Factory settings):
Typically, the sensor can be used without any additional calibration; it is designed to work with plastic tank
walls of approximately 0,5 to 6 mm in thickness and glass walls of approximately 0,5 to 4 mm in thickness. It
is important that the glass or plastic is nonconductive.
Calibration:
If the factory settings are insufficient, the sensor is teachable to either Full or Empty.
Calibration Full:
The sensor switch point is set below the actual detection value to ensure that slight changes in the application
will not affect the sensing performance.
In most applications, the full calibration on a full tank or tube will be sufficient.
In critical applications with large variations in media type and temperature, it can be an advantage to teach the
Full level with approximately 50 % of the active sensing surface covered.
Full calibration procedure:
•Connect teach wire to V+ for 2 - 7 seconds
•The green LED flashes 1 imp. per sec. and the yellow LED is OFF
•After successful calibration, the yellow LED flashes 3 times (with 1 Hz)
Calibration Empty:
The sensor switch point is set above the actual detection value to ensure that slight changes in the application
will not affect the sensing performance.
In most applications, the Empty calibration on an empty tank or tube will be sufficient.
In critical applications with a high amount of residue film, moisture or foam build-up, an Empty calibration can
be performed with the build-up present.
Empty calibration procedure:
•Connect teach wire to V+ for 7 - 12 seconds
•The green LED flashes 1 imp. per sec. and the yellow LED is ON
•After successful calibration, the yellow LED flashes 3 times (with 1 Hz)
Cancel calibration procedure:
•Keep the teach wire connected to V+ for more than 14 seconds to abort teach procedure. The switch points
will remain unchanged.
•The green LED is off and the yellow LED flashes (4 Hz)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com