Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBFJ211 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMBFJ211
Description  N-Channel RF Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBFJ211 Datasheet(HTML) 2 Page - ON Semiconductor

  MMBFJ211 Datasheet HTML 1Page - ON Semiconductor MMBFJ211 Datasheet HTML 2Page - ON Semiconductor MMBFJ211 Datasheet HTML 3Page - ON Semiconductor MMBFJ211 Datasheet HTML 4Page - ON Semiconductor MMBFJ211 Datasheet HTML 5Page - ON Semiconductor MMBFJ211 Datasheet HTML 6Page - ON Semiconductor MMBFJ211 Datasheet HTML 7Page - ON Semiconductor MMBFJ211 Datasheet HTML 8Page - ON Semiconductor MMBFJ211 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.onsemi.com
2
Absolute Maximum Ratings(1), (2)
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only. Values are at TA = 25°C unless otherwise noted.
Notes:
1. These ratings are based on a maximum junction temperature of 150°C.
2. These are steady-state limits. ON Semiconductor should be consulted on applications involving pulsed or low-
duty-cycle operations.
Thermal Characteristics
Values are at TA = 25°C unless otherwise noted.
Note:
3. Device mounted on FR-4 PCB 36mm × 18mm × 1.5mm; mounting pad for the collector lead minimum 6cm2.
Electrical Characteristics
Values are at TA = 25°C unless otherwise noted.
Note:
4. Pulse test: pulse width
≤ 300 μs
Symbol
Parameter
Value
Unit
VDG
Drain-Gate Voltage
25
V
VGS
Gate-Source Voltage
-25
V
IGF
Forward Gate Current
10
mA
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to 150
°C
Symbol
Parameter
Max.
Unit
J211(3)
MMBFJ211(3)
PD
Total Device Dissipation
350
225
mW
Derate Above 25
°C
2.8
1.8
mW/
°C
RθJC
Thermal Resistance, Junction-to-Case
125
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
357
556
°C/W
Symbol
Parameter
Conditions
Min.
Max.
Unit
Off Characteristics
V(BR)GSS
Gate-Source Breakdown Voltage
IG = 1.0 μA, VDS = 0
-25
V
IGSS
Gate Reverse Current
VGS = 15 V, VDS = 0
-100
pA
VGS(off)
Gate-Source Cut-Off Voltage
VDS = 15 V, ID = 1.0 nA
-2.5
-4.5
V
On Characteristics
IDSS
Zero-Gate Voltage Drain Current(4) VDS = 15 V, VGS = 0
7.0
20
mA
Small Signal Characteristics
gfs
Common Source Forward
Transconductance
VDS = 15 V, VGS = 0,
f = 1.0 kHz
7000
12000
μmhos
goss
Common Source Output
Conductance
VDS = 15 V, VGS = 0,
f = 1.0 kHz
200
μmhos



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com