Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N7008 Datasheet(PDF) 2 Page - Microchip Technology

Part # 2N7008
Description  N-Channel Enhancement-Mode Vertical DMOS FET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

2N7008 Datasheet(HTML) 2 Page - Microchip Technology

  2N7008 Datasheet HTML 1Page - Microchip Technology 2N7008 Datasheet HTML 2Page - Microchip Technology 2N7008 Datasheet HTML 3Page - Microchip Technology 2N7008 Datasheet HTML 4Page - Microchip Technology 2N7008 Datasheet HTML 5Page - Microchip Technology 2N7008 Datasheet HTML 6Page - Microchip Technology 2N7008 Datasheet HTML 7Page - Microchip Technology 2N7008 Datasheet HTML 8Page - Microchip Technology 2N7008 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2N7008
DS20005800A-page 2
2021 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings†
Drain-to-Source Voltage ...................................................................................................................................... BVDSS
Drain-to-Gate Voltage ......................................................................................................................................... BVDGS
Gate-to-Source Voltage.......................................................................................................................................... ±30V
Operating Ambient Temperature, TA ................................................................................................... –55°C to +150°C
Storage Temperature, TS ..................................................................................................................... –55°C to +150°C
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only, and functional operation of the device at those or any other conditions above those
indicated in the operational sections of this specification is not intended. Exposure to maximum rating conditions for
extended periods may affect device reliability.
DC ELECTRICAL CHARACTERISTICS
Electrical Specifications: TA = 25°C unless otherwise specified. All DC parameters are 100% tested at 25°C unless
otherwise stated. (Pulse test: 300 µs pulse, 2% duty cycle)
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Drain-to-Source Breakdown Voltage
BVDSS
60
—
—
V
VGS = 0V, ID = –10 µA
Gate Threshold Voltage
VGS(th)
1
—
2.5
V
VGS = VDS, ID = 250 µA
Gate Body Leakage Current
IGSS
—
—
100
nA
VGS = ±30V, VDS = 0V
Zero-Gate Voltage Drain Current
IDSS
—
—
1
µA
VGS = 0V, VDS = 50V
—
—
500
µA
VGS = 0V, VDS = 50V,
TA = 125°C (Note 1)
On-State Drain Current
ID(ON)
500
—
—
mA
VGS = 10V, VDS ≥ 2VDS(ON)
Static Drain-to-Source On-State
Resistance
RDS(ON)
—
—
7.5
Ω
VGS = 5V, ID = 50 mA
—
—
7.5
Ω
VGS = 10V, ID = 500 mA
Note 1: Specification is obtained by characterization and is not 100% tested.
AC ELECTRICAL CHARACTERISTICS
Electrical Specifications: TA = 25°C unless otherwise specified. All AC parameters are not 100% sample tested.
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Forward Transconductance
GFS
80
—
—
mmho VDS = 10V, ID = 200 mA
Input Capacitance
CISS
—
—
50
pF
VGS = 0V,
VDS = 25V,
f = 1 MHz
Common-Source Output Capacitance
COSS
—
—
25
pF
Reverse Transfer Capacitance
CRSS
—
—
5
pF
Turn-On Delay Time
t(ON)
—
—
20
ns
VDD = 30V,
ID = 200 mA,
RGEN = 25Ω
Turn-Off Delay Time
t(OFF)
—
—
20
ns
DIODE PARAMETER
Diode Forward Voltage Drop
VSD
—
—
1.5
V
VGS = 0V, ISD = 150 mA (Note 1)
Note 1: All DC parameters are 100% tested at 25°C unless otherwise stated.
(Pulse test: 300 µs pulse, 2% duty cycle)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com