Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AC899 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74AC899
Description  9-Bit Latchable Transceiver with Parity Generator/Checker
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74AC899 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  74AC899 Datasheet HTML 1Page - National Semiconductor (TI) 74AC899 Datasheet HTML 2Page - National Semiconductor (TI) 74AC899 Datasheet HTML 3Page - National Semiconductor (TI) 74AC899 Datasheet HTML 4Page - National Semiconductor (TI) 74AC899 Datasheet HTML 5Page - National Semiconductor (TI) 74AC899 Datasheet HTML 6Page - National Semiconductor (TI) 74AC899 Datasheet HTML 7Page - National Semiconductor (TI) 74AC899 Datasheet HTML 8Page - National Semiconductor (TI) 74AC899 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TLF10637
August 1994
74AC899
 54ACT74ACT899
9-Bit Latchable Transceiver
with Parity GeneratorChecker
General Description
The ’AC’ACT899 is a 9-bit to 9-bit parity transceiver with
transparent latches The device can operate as a feed-
through transceiver or it can generatecheck parity from the
8-bit data busses in either direction The ’AC’ACT899 fea-
tures independent latch enables for the A-to-B direction and
the B-to-A direction a select pin for ODDEVEN parity and
separate error signal output pins for checking parity
Features
Y
Latchable transceiver with output sink of 24 mA
Y
Option to select generate parity and check or ‘‘feed-
through’’ dataparity in directions A-to-B or B-to-A
Y
Independent latch enable for A-to-B and B-to-A direc-
tions
Y
Select pin for ODDEVEN parity
Y
ERRA and ERRB output pins for parity checking
Y
Ability to simultaneously generate and check parity
Y
May be used in system applications in place of the ’280
Y
May be used in system applications in place of the ’657
and ’373 (no need to change TR to check parity)
Y
4 kV minimum ESD immunity
Logic Symbol
TLF10637 – 1
Connection Diagram
Pin Assignment for PCC and LCC
TLF10637 – 2
TRI-STATE
is a registered trademark of National Semiconductor Corporation
FACTTM is a trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M75Printed in U S A


Similar Part No. - 74AC899

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC821 FAIRCHILD-74AC821 Datasheet
79Kb / 8P
10-Bit D-Type Flip-Flop with 3-STATE Outputs
logo
National Semiconductor ...
74AC843 NSC-74AC843 Datasheet
154Kb / 10P
9-Bit Transparent Latch
logo
STMicroelectronics
74AC86 STMICROELECTRONICS-74AC86 Datasheet
68Kb / 7P
QUAD EXCLUSIVE OR GATE
Apr-1997
logo
Fairchild Semiconductor
74AC86 FAIRCHILD-74AC86 Datasheet
81Kb / 7P
Quad 2-Input Exclusive-OR Gate
logo
STMicroelectronics
74AC86 STMICROELECTRONICS-74AC86 Datasheet
186Kb / 9P
QUAD EXCLUSIVE OR GATE
Apr-2001
More results

Similar Description - 74AC899

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ACT899 NSC-54ACT899 Datasheet
311Kb / 12P
9-Bit Latchable Transceiver with Parity Generator/Checker
54F280DM NSC-54F280DM Datasheet
152Kb / 8P
9-Bit Parity Generator/Checker
logo
Fairchild Semiconductor
74ABT899 FAIRCHILD-74ABT899 Datasheet
128Kb / 16P
9-Bit Latchable Transceiver with Parity Generator/Checker
74ACT899 FAIRCHILD-74ACT899 Datasheet
78Kb / 9P
9-Bit Latchable Transceiver with Parity Generator/Checker
74F899 FAIRCHILD-74F899 Datasheet
89Kb / 12P
9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Toshiba Semiconductor
TC74AC280P TOSHIBA-TC74AC280P Datasheet
265Kb / 7P
9 - BIT PARITY GENERATOR CHECKER
logo
Renesas Technology Corp
HD74AC280 RENESAS-HD74AC280 Datasheet
214Kb / 8P
9-bit Parity Generator/Checker
logo
Texas Instruments
74AC11280 TI1-74AC11280 Datasheet
99Kb / 5P
9-BIT PARITY GENERATOR/CHECKER
SN74BCT899 TI1-SN74BCT899 Datasheet
120Kb / 8P
9-BIT LATCHABLE TRANSCEIVER WITH PARITY GENERATOR/CHECKER
logo
Aeroflex Circuit Techno...
UT54ACTS899 AEROFLEX-UT54ACTS899 Datasheet
171Kb / 17P
9-bit Latchable Transceiver with Parity Generator/Checker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com