Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4020 Datasheet(PDF) 39 Page - Analog Devices

Part # AD4020
Description  20-Bit, 1.8 MSPS/1 MSPS/500 kSPS, Easy Drive, Differential SAR ADCs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4020 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD4020 Datasheet HTML 31Page - Analog Devices AD4020 Datasheet HTML 32Page - Analog Devices AD4020 Datasheet HTML 33Page - Analog Devices AD4020 Datasheet HTML 34Page - Analog Devices AD4020 Datasheet HTML 35Page - Analog Devices AD4020 Datasheet HTML 36Page - Analog Devices AD4020 Datasheet HTML 37Page - Analog Devices AD4020 Datasheet HTML 38Page - Analog Devices AD4020 Datasheet HTML 39Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 39 page
background image
Data Sheet
AD4020/AD4021/AD4022
Rev. B | Page 39 of 39
ORDERING GUIDE
Model1, 2
Integral
Nonlinearity (INL)
Temperature Range
Package Description
Ordering
Quantity
Package
Option
Marking
Code
AD4020BRMZ
±3.1 ppm
−40°C to +125°C
10-Lead MSOP, Tube
50
RM-10
C8L
AD4020BRMZ-RL7
±3.1 ppm
−40°C to +125°C
10-Lead MSOP, Reel
1000
RM-10
C8L
AD4020BCPZ-R2
±3.1 ppm
−40°C to +125°C
10-Lead LFCSP, Reel
250
CP-10-9
C8L
AD4020BCPZ-RL7
±3.1 ppm
−40°C to +125°C
10-Lead LFCSP, Reel
1500
CP-10-9
C8L
AD4021BRMZ
±3.1 ppm
−40°C to +125°C
10-Lead MSOP, Tube
50
RM-10
CAD
AD4021BRMZ-RL7
±3.1 ppm
−40°C to +125°C
10-Lead MSOP, Reel
1000
RM-10
CAD
AD4021BCPZ-R2
±3.1 ppm
−40°C to +125°C
10-Lead LFCSP, Reel
250
CP-10-9
CAC
AD4021BCPZ-RL7
±3.1 ppm
−40°C to +125°C
10-Lead LFCSP, Reel
1500
CP-10-9
CAC
AD4022BRMZ
±3.1 ppm
−40°C to +125°C
10-Lead MSOP, Tube
50
RM-10
CAF
AD4022BRMZ-RL7
±3.1 ppm
−40°C to +125°C
10-Lead MSOP, Reel
1000
RM-10
CAF
AD4022BCPZ-R2
±3.1 ppm
−40°C to +125°C
10-Lead LFCSP, Reel
250
CP-10-9
CAE
AD4022BCPZ-RL7
±3.1 ppm
−40°C to +125°C
10-Lead LFCSP, Reel
1500
CP-10-9
CAE
EVAL-AD4020FMCZ
AD4020 Evaluation Board
Compatible with EVAL-SDP-CH1Z
1
Z = RoHS Compliant Part.
2
The EVAL-AD4020FMCZ can evaluate the AD4021 and AD4022 by setting the throughput to 1 MSPS and 500 kSPS in its software, respectively (see the UG-1042).
©2017–2019 Analog Devices, Inc. All rights reserved. Trademarks
and registered trademarks are the property of their respective owners.
D15369-0-11/19(B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com