Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4021 Datasheet(PDF) 24 Page - Analog Devices

Part # AD4021
Description  20-Bit, 1.8 MSPS/1 MSPS/500 kSPS, Easy Drive, Differential SAR ADCs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4021 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD4021 Datasheet HTML 20Page - Analog Devices AD4021 Datasheet HTML 21Page - Analog Devices AD4021 Datasheet HTML 22Page - Analog Devices AD4021 Datasheet HTML 23Page - Analog Devices AD4021 Datasheet HTML 24Page - Analog Devices AD4021 Datasheet HTML 25Page - Analog Devices AD4021 Datasheet HTML 26Page - Analog Devices AD4021 Datasheet HTML 27Page - Analog Devices AD4021 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
AD4020/AD4021/AD4022
Data Sheet
Rev. B | Page 24 of 39
High-Z Mode
The AD4020/AD4021/AD4022 incorporate high-Z mode, which
reduces the nonlinear charge kickback when the capacitor DAC
switches back to the input at the start of acquisition. Figure 28
shows the analog input current of the AD4020/AD4021/AD4022
with high-Z mode enabled and disabled. The low input current
makes the ADC easier to drive than the traditional SAR ADCs
available in the market, even with high-Z mode disabled. The
input current reduces further to submicroampere range when
high-Z mode is enabled. The high-Z mode is disabled by default,
but can be enabled by writing to the configuration register (see
Table 12). Disable high-Z mode for input frequencies above
100 kHz or when multiplexing.
To achieve the optimum data sheet performance from traditional
high resolution precision SAR ADCs, system designers must often
use a dedicated high power, high speed amplifier to drive the
switched capacitor SAR ADC inputs. High-Z mode allows a
choice of lower power and lower bandwidth precision amplifiers
with a lower RC filter cutoff to drive the ADC, removing the need
for dedicated high speed ADC drivers, which saves system power,
size, and cost in precision, low bandwidth applications. High-Z
mode allows the amplifier and RC filter in front of the ADC to
be chosen based on the signal bandwidth of interest, and not
based on the settling requirements of the switched capacitor SAR
ADC inputs. High-Z mode also improves THD performance and
reduces analog input current for input signals up to 100 kHz.
Additionally, the AD4020/AD4021/AD4022 can be driven with
a much higher source impedance than traditional SARs, which
means the resistor in the RC filter can have a value 10 times
larger than previous SAR designs and, with high-Z mode enabled,
can tolerate even greater impedance. Figure 26 shows the THD
performance for various source impedances with high-Z mode
disabled and enabled.
Figure 47 and Figure 48 show the AD4020/AD4021/AD4022 SNR
and THD performance using the ADA4077-1 (supply current
per amplifier (ISY) = 400 μA) and ADA4610-1 (ISY = 1.50 mA)
precision amplifiers when driving the AD4020/AD4021/AD4022
at full throughput for high-Z mode both enabled and disabled
with various RC filter values. These amplifiers achieve +96 dB
to +99 dB typical SNR and close to −110 dB typical THD with
high-Z enabled for a 2.27 MHz RC bandwidth. THD is
approximately 10 dB better with high-Z mode enabled, even for
large R values greater than 200 Ω. SNR maintains close to
99 dB, even with a low RC filter cutoff.
100
97
91
85
94
88
82
76
79
73
70
260kHz
1.3kΩ
470pF
498kHz
680Ω
470pF
2.27MHz
390Ω
180pF
1.3MHz
680Ω
180pF
4.42MHz
200Ω
180pF
RC FILTER BANDWIDTH (Hz)
RESISTOR (Ω), CAPACITOR (pF)
ADA4077-1 HIGH-Z DISABLED
ADA4077-1 HIGH-Z ENABLED
ADA4610-1 HIGH-Z DISABLED
ADA4610-1 HIGH-Z ENABLED
Figure 47. SNR vs. RC Filter Bandwidth for Various Precision ADC Drivers,
fIN = 1 kHz (See the Typical Performance Characteristics Section for
Operating Conditions)
–80
–84
–92
–100
–88
–96
–104
–112
–108
–116
–120
260kHz
1.3kΩ
470pF
498kHz
680Ω
470pF
2.27MHz
390Ω
180pF
1.3MHz
680Ω
180pF
4.42MHz
200Ω
180pF
RC FILTER BANDWIDTH (Hz)
RESISTOR (Ω), CAPACITOR (pF)
ADA4077-1 HIGH-Z DISABLED
ADA4077-1 HIGH-Z ENABLED
ADA4610-1 HIGH-Z DISABLED
ADA4610-1 HIGH-Z ENABLED
Figure 48. THD vs. RC Filter Bandwidth for Various Precision ADC Drivers,
fIN = 1 kHz (See the Typical Performance Characteristics Section for
Operating Conditions)
When high-Z mode is enabled, the ADC consumes approximately
2.0 mW per MSPS of extra power. However, this additional power
is still significantly lower than using dedicated ADC drivers like the
ADA4807-1. For any system, the front end usually limits the
overall ac/dc performance of the signal chain. The ADA4077-1
and ADA4610-1 data sheets of the selected precision amplifiers (see
Figure 47 and Figure 48) show that their own noise and
distortion performance dominates the SNR and THD
specification at a certain input frequency.
Long Acquisition Phase
The AD4020/AD4021/AD4022 also feature a fast conversion
time of 320 ns, which results in a long acquisition phase. The
acquisition is further extended by a key feature of the AD4020/
AD4021/AD4022. The ADC returns to the acquisition phase
typically 100 ns before the end of the conversion. This feature
provides an even longer time for the ADC to acquire the new
input voltage. A longer acquisition phase reduces the settling
requirement on the driving amplifier, and a lower power and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com