Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP7118ARDZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADP7118ARDZ
Description  20 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7118ARDZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP7118ARDZ Datasheet HTML 9Page - Analog Devices ADP7118ARDZ Datasheet HTML 10Page - Analog Devices ADP7118ARDZ Datasheet HTML 11Page - Analog Devices ADP7118ARDZ Datasheet HTML 12Page - Analog Devices ADP7118ARDZ Datasheet HTML 13Page - Analog Devices ADP7118ARDZ Datasheet HTML 14Page - Analog Devices ADP7118ARDZ Datasheet HTML 15Page - Analog Devices ADP7118ARDZ Datasheet HTML 16Page - Analog Devices ADP7118ARDZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
ADP7118
Rev. F | Page 13 of 24
THEORY OF OPERATION
The ADP7118 is a low quiescent current, LDO linear regulator
that operates from 2.7 V to 20 V and provides up to 200 mA of
output current. Drawing a low 180 μA of quiescent current
(typical) at full load makes the ADP7118 ideal for portable
equipment. Typical shutdown current consumption is less than
3 µA at room temperature.
Optimized for use with small 2.2 µF ceramic capacitors, the
ADP7118 provides excellent transient performance.
VOUT
SENSE/
ADJ
GND
SHORT-CIRCUIT,
THERMAL
PROTECTION
REFERENCE
SHUTDOWN
EN
VIN
Figure 42. Internal Block Diagram
Internally, the ADP7118 consists of a reference, an error
amplifier, and a PMOS pass transistor. Output current is
delivered via the PMOS pass device, which is controlled by the
error amplifier. The error amplifier compares the reference
voltage with the feedback voltage from the output and amplifies
the difference. If the feedback voltage is lower than the
reference voltage, the gate of the PMOS device is pulled lower,
allowing more current to pass and increasing the output
voltage. If the feedback voltage is higher than the reference
voltage, the gate of the PMOS device is pulled higher, allowing
less current to pass and decreasing the output voltage.
The ADP7118 is available in 16 fixed output voltage options,
ranging from 1.2 V to 5.0 V. The ADP7118 architecture allows
any fixed output voltage to be set to a higher voltage with an
external voltage divider. For example, a fixed 5 V output can be
set to a 6 V output according to the following equation:
VOUT = 5 V(1 + R1/R2)
(3)
where R1 and R2 are the resistors in the output voltage divider
shown in Figure 43.
To set the output voltage of the adjustable ADP7118, replace
5 V in Equation 3 with 1.2 V.
VOUT
SENSE/ADJ
VIN
ADP7118
GND
SS
CSS
1nF
CIN
2.2µF
COUT
2.2µF
EN
OFF
ON
VIN = 7V
VOUT = 6V
R1
2kΩ
R2
10kΩ
Figure 43. Typical Adjustable Output Voltage Application Schematic
It is recommended that the R2 value be less than 200 kΩ to
minimize errors in the output voltage caused by the SENSE/ADJ
pin input current. For example, when R1 and R2 each equal
200 kΩ and the default output voltage is 1.2 V, the adjusted output
voltage is 2.4 V. The output voltage error introduced by the
SENSE/ADJ pin input current is 1 mV or 0.04%, assuming a
typical SENSE/ADJ pin input current of 10 nA at 25°C.
The ADP7118 uses the EN pin to enable and disable the
VOUT pin under normal operating conditions. When EN is
high, VOUT turns on, and when EN is low, VOUT turns off.
For automatic startup, EN can be tied to VIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com