Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS-2 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # LS-2
Description  Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LS-2 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button LS-2 Datasheet HTML 10Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 11Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 12Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 13Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 14Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 15Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 16Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 17Page - List of Unclassifed Manufacturers LS-2 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 51 page
background image
29
ø30 Series Pilot Lights ø30
M3 Terminal
Screw
40
Panel Thickness 0.8 to 5.5
23
20
44
M3 Terminal
Screw
40
Panel Thickness 0.8 to 4.5
44
29.5
10.5
M3 Terminal
Screw
40
Panel Thickness 0.8 to 4.5
10.5
36.5
M3.5 Terminal
Screw
40
Panel Thickness 0.8 to 5.5
20
44
60
M3.5 Terminal
Screw
40
Panel Thickness 0.8 to 4.5
44
10.5
66
M3.5 Terminal
Screw
40
Panel Thickness 0.8 to 4.5
10.5
74
Square Full Voltage
UPQN3B
Rectangular Full Voltage
UPQN4
Rectangular Full Voltage
UPQNE4
Square Transformer
Square DC-DC Converter
UPQN3B
Rectangular Transformer
Rectangular DC-DC Converter
UPQN4
Rectangular Transformer
Rectangular DC-DC Converter
UPQNE4
All dimensions in mm.
Reflector
1.ThelamphousingofthesquareLEDilluminatedpilot
lightshasabuilt­inreflector.
2.Makesurethatthereflectordoesnotfalloffwhenre­
movingthelensormarkingplate.
3.WhenreplacingtheLEDlampofUPQNE4(rectangular),
usealampholdertool(OR­55).
4.Toremovethereflector,insertaflatscrewdriverinside
thegrooveofthereflectorandlightlypushout.
Panel Mounting
1.Tightenthesquareringtotheoperatorandpositionthe
ringcorrectly.
2.Lightlytightenthescrewtosecurethepilotlightontothe
panel.
Groove
Tighten the screw
lightly so that the panel
does not bend.
Screw
Recommended
tightening torque: 0.15 N·m
Dimensions
ø30
ø30
(14/03/18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com