Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4449 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC4449
Description  100V Half-Bridge Driver with Floating Grounds and Adjustable Dead-Time
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4449 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC4449 Datasheet HTML 3Page - Analog Devices LTC4449 Datasheet HTML 4Page - Analog Devices LTC4449 Datasheet HTML 5Page - Analog Devices LTC4449 Datasheet HTML 6Page - Analog Devices LTC4449 Datasheet HTML 7Page - Analog Devices LTC4449 Datasheet HTML 8Page - Analog Devices LTC4449 Datasheet HTML 9Page - Analog Devices LTC4449 Datasheet HTML 10Page - Analog Devices LTC4449 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
LTC7060
7
Rev. A
For more information www.analog.com
PIN FUNCTIONS
VCC: VCC Supply. IC bias supply referred to the SGND pin.
An internal 4.5V supply is generated from the VCC supply
to bias most of the internal circuitry. A bypass capacitor
with a minimum value of 0.1uF should be tied between
this pin and the SGND pin.
BGVCC: Bottom MOSFET Driver Supply. The bottom
MOSFET gate driver is biased between this pin and the
BGRTN pin. An external capacitor should be tied between
this pin and BGRTN and placed close to the IC.
BGRTN: Bottom MOSFET Driver Return. The bottom
gate driver is biased between BGVCC and BGRTN. Kelvin
connect BGRTN to the bottom MOSFET source pin for
high noise immunity. The voltage difference between the
BGRTN pin and the SGND can be –10V to 100V.
BG: Bottom MOSFET Gate Driver Output. This pin drives
the gate of the N-channel MOSFET between BGRTN and
BGVCC.
BST: Top MOSFET Driver Supply. The top MOSFET gate
driver is biased between this pin and the SW pin. An exter-
nal capacitor should be tied between this pin and the SW
pin and placed close to the IC.
SW: Top MOSFET Driver Return. The top gate driver is
biased between BST and SW. Kelvin connect SW to the top
MOSFET source pin for high noise immunity. The voltage
difference between the SW pin and SGND can be –10V
to 100V.
TG: Top MOSFET Gate Driver Output. This pin drives the
gate of the N-channel MOSFET between SW and BST.
DT: Dead-Time Program Pin Referred to the SGND Pin.
A single resistor from this pin to SGND sets the BG/TG
low to TG/BG high propagation delay. See the operation
section for details.
PWM: Three-State Gate Driver Input Signal Referred to
the SGND Pin. The TG/BG state is determined by the volt-
age at this pin. If this pin is floating, an internal resistor
divider triggers the High-Z mode in which both BG and
TG are turned off. Trace capacitance on this pin should
be minimized.
EN: Enable Control Input Pin Referred to the SGND Pin.
A voltage on this pin above 1.2V enables the gate drivers.
The TG and BG pins are both in the low state if this pin
is logic low.
FLT: Open Drain Fault Output Pin Referred to the SGND
Pin. Open-drain output that pulls to SGND during VCC
UVLO/OVLO and floating supplies UVLO condition. The
typical pull-down resistance is 60Ω.
NC: No Internal Connection. Always keep this pin floating.
It is intentionally skipped to isolate adjacent high voltage
pins.
SGND: Chip Ground. The exposed pad must be soldered
to the PCB ground for electrical contact and for rated
thermal performance.
BLOCK DIAGRAM
BST
TG
SW
UVLO
LEVEL
SHIFTER
BGVCC
BG
BGRTN
UVLO
LEVEL
SHIFTER
DRIVER
LOGIC
SHOOT-
THROUGH
PROTECTION
1.0V
3.1V
PWM
1.2V
2M
4.5V
48k
42k
EN
UVLO
VCC
OVLO
DT
FLT
DELAY
SGND
7060 BD
DRIVER
DRIVER
+
–
+
–
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com