Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8083 Datasheet(PDF) 15 Page - Analog Devices

Part # LTM8083
Description  36V, 1.5A Buck-Boost 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8083 Datasheet(HTML) 15 Page - Analog Devices

Back Button LTM8083 Datasheet HTML 11Page - Analog Devices LTM8083 Datasheet HTML 12Page - Analog Devices LTM8083 Datasheet HTML 13Page - Analog Devices LTM8083 Datasheet HTML 14Page - Analog Devices LTM8083 Datasheet HTML 15Page - Analog Devices LTM8083 Datasheet HTML 16Page - Analog Devices LTM8083 Datasheet HTML 17Page - Analog Devices LTM8083 Datasheet HTML 18Page - Analog Devices LTM8083 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
LTM8083
15
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 6. Graphical Approximation of the Thermal Coefficients, Including JESD 51-12 Terms
8083 F06
µMODULE DEVICE
θJCtop JUNCTION-TO-CASE
(TOP) RESISTANCE
θJA JUNCTION-TO-AMBIENT RESISTANCE
CASE (TOP)-TO-AMBIENT
RESISTANCE
BOARD-TO-AMBIENT
RESISTANCE
θJCbot JUNCTION-TO-CASE
(BOTTOM) RESISTANCE
JUNCTION
AMBIENT
CASE (BOTTOM)-TO-BOARD
RESISTANCE
Within the LTM8083, be aware that there are multi-
ple power devices and components dissipating power,
with a consequence that the thermal resistances rel-
ative to different junctions of components or die are
not exactly linear with respect to total package power
loss. To reconcile this complication without sacrificing
modeling simplicity—but also, not ignoring practical
realities—an approach has been taken using FEA soft-
ware modeling along with laboratory testing in a con-
trolled environment chamber to reasonably define and
correlate the thermal resistance values supplied in this
data sheet: (1) Initially, FEA software is used to accu-
rately build the mechanical geometry of the LTM8083
and the specified PCB with all of the correct material
coefficients along with accurate power loss source
definitions; (2) this model simulates a software-de-
fined JEDEC environment consistent with JESD51-
12 to predict power loss heat flow and temperature
readings at different interfaces that enable the calcu-
lation of the JEDEC-defined thermal resistance values;
(3) the model and FEA software is used to evaluate the
LTM8083 with heat sink and airflow; (4) having solved
for and analyzed these thermal resistance values and
simulated various operating conditions in the software
model, a thorough laboratory evaluation replicates the
simulated conditions with thermocouples within a
controlled environment chamber while operating the
device at the same power loss as that which was sim-
ulated. An outcome of this process and due diligence
yields the set of derating curves shown in this data
sheet. After these laboratory tests have been performed
and correlated to the LTM8083 model, then the θJA is
provided assuming approximately 100% of power loss
flows from the junction through the board into ambient
with no airflow or top mounted heat sink.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com