Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC2X31 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MSC2X31
Description  Dual Silicon Carbide Schottky Barrier Diodes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MSC2X31 Datasheet(HTML) 1 Page - Microsemi Corporation

  MSC2X31 Datasheet HTML 1Page - Microsemi Corporation MSC2X31 Datasheet HTML 2Page - Microsemi Corporation MSC2X31 Datasheet HTML 3Page - Microsemi Corporation MSC2X31 Datasheet HTML 4Page - Microsemi Corporation MSC2X31 Datasheet HTML 5Page - Microsemi Corporation MSC2X31 Datasheet HTML 6Page - Microsemi Corporation MSC2X31 Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MSC2X31/30SDA120J Dual Silicon Carbide Schottky Barrier Diodes
Product Overview
The silicon carbide (SiC) power Schottky barrier diode (SBD) product line from Microsemi increases the
performance over silicon diode solutions while lowering the total cost of ownership for high-voltage
applications. MSC2X31/30SDA120J are dual 1200 V, 30 A SiC SBD devices in a SOT-227 package.
Figure 2 • Anti-parallel MSC2X30SDA120J
Figure 1 • Parallel MSC2X31SDA120J
Features
The following are key features of the MSC2X31SDA120J and MSC2X30SDA120J devices:
• No reverse recovery
• Low forward voltage
• Low leakage current
• Avalanche-energy rated
• RoHS compliant
• Isolated voltage to 2500 V
Benefits
The following are benefits of the MSC2X31SDA120J and MSC2X30SDA120J devices:
• Outstanding performance at high-frequency operation
• Direct mounting to heatsink (isolated package)
• Low junction-to-case thermal resistance
• RoHS compliant
1
053-4104 MSC2X31/30SDA120J Datasheet Revision A


Similar Part No. - MSC2X31

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MSC2X31SDA070J ISC-MSC2X31SDA070J Datasheet
555Kb / 3P
SiC Schottky Barrier Diodes
More results

Similar Description - MSC2X31

ManufacturerPart #DatasheetDescription
logo
Rohm
SCS112AGC ROHM-SCS112AGC Datasheet
1Mb / 11P
Silicon Carbide Schottky Barrier Diodes
SCS106AGC ROHM-SCS106AGC Datasheet
1Mb / 11P
Silicon Carbide Schottky Barrier Diodes
logo
Pan Jit International I...
PCDB0465G1 PANJIT-PCDB0465G1 Datasheet
1Mb / 5P
Silicon Carbide Schottky Barrier Diode
June 3,2021 PCDB0465G1-REV.00
PCDE1065G1 PANJIT-PCDE1065G1 Datasheet
1Mb / 5P
Silicon Carbide Schottky Barrier Diode
June 7,2021 PCDE1065G1-REV.00
PCDC0465G1 PANJIT-PCDC0465G1 Datasheet
297Kb / 5P
Silicon Carbide Schottky Barrier Diode
December 03,2021 PCDC0465G1-REV.00
PCDC08120G1 PANJIT-PCDC08120G1 Datasheet
298Kb / 5P
Silicon Carbide Schottky Barrier Diode
December 03,2021 PCDC08120G1-REV.00
PCDD05120G1 PANJIT-PCDD05120G1 Datasheet
295Kb / 5P
Silicon Carbide Schottky Barrier Diode
September 15,2021 PCDD05120G1-REV.00
PCDD1065G1 PANJIT-PCDD1065G1 Datasheet
296Kb / 5P
Silicon Carbide Schottky Barrier Diode
September 15,2021 PCDD1065G1-REV.00
PCDH40120CCG1 PANJIT-PCDH40120CCG1 Datasheet
337Kb / 5P
Silicon Carbide Schottky Barrier Diode
February 22,2022 PCDH40120CCG1-REV.00
PCDP08120G1 PANJIT-PCDP08120G1 Datasheet
1Mb / 5P
Silicon Carbide Schottky Barrier Diode
November 9,2020 PCDP08120G1-REV.00
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com