Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8049 Datasheet(PDF) 9 Page - Analog Devices

Part # LTM8049
Description  36V, 1.5A Buck-Boost 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8049 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTM8049 Datasheet HTML 5Page - Analog Devices LTM8049 Datasheet HTML 6Page - Analog Devices LTM8049 Datasheet HTML 7Page - Analog Devices LTM8049 Datasheet HTML 8Page - Analog Devices LTM8049 Datasheet HTML 9Page - Analog Devices LTM8049 Datasheet HTML 10Page - Analog Devices LTM8049 Datasheet HTML 11Page - Analog Devices LTM8049 Datasheet HTML 12Page - Analog Devices LTM8049 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LTM8083
9
Rev. 0
For more information www.analog.com
OPERATION
The LTM8083 is a standalone non-isolated buck-boost
switching DC/DC power supply. The buck-boost topol-
ogy allows the LTM8083 to regulate its output voltage
below or above input voltage. Maximum output current
is determined by the input voltage. Higher input voltages
yield higher maximum output current.
The LTM8083 contains ADI’s proprietary peak-buck peak-
boost current mode controller with four internal low resis-
tance N-channel DMOS switches, power inductor and a
modest amount of input and output capacitors.
This control scheme directly senses the inductor current
across the internal power switches and provides smooth
transition between buck region, buck-boost region and
boost region. A simplified block diagram is given on the
previous page. A precisely regulated output voltage is
programmable via an external resistor divider from 1V to
36V. The input voltage range is from 3V to 36V.
The LTM8083 is a fixed frequency PWM regulator. A resis-
tor from RT pin to GND sets the switching frequency from
300kHz to 2MHz, allowing applications to be optimized
for broad area and efficiency. Driving the SYNC pin will
synchronize the LTM8083 to an external clock source.
In addition to the voltage control loop, the LTM8083 is
equipped with average current control loop for the output.
Add a current sense resistor between ISP and ISN to limit
the output current below the maximum value set by the
CTRL pin. The ISMON pin reflects the current flowing
through the sense resistor.
A voltage less than 1.35V applied to the CTRL pin reduces
the maximum output current. The current flowing through
the sense resistor is reflected by the voltage of the ISMON
pin. Drive CTRL pin below 0.2V to stop switching.
At light load, the LTM8083 typically runs at its switching
frequency in discontinuous conduction mode. Both buck
and boost reverse current sense thresholds are set to be
zero, thus preventing any reverse current flowing from
the output to the input.
As the load becomes lower and lower, the LTM8083 may
run in pulse-skip mode, where the switches are held off
for multiple cycles (i.e., skipping pulses) to maintain the
regulation.
The LTM8083 enters shutdown mode with less than
0.9μA quiescent current when the EN/UVLO pin is below
its shutdown threshold (0.3V minimum).
The LTM8083 is equipped with a thermal shutdown that
inhibits operation when junction temperature is above
165°C. Prolonged or repetitive operation at junction tem-
perature higher than 125°C may damage or impair the
reliability of the device.
A low-ESL 10nF three-terminal capacitor is added on the
input side as well as output side, improving noise decou-
pling for better EMI performance. With a small filter and
Spread Spectrum function enabled, the LTM8083 mod-
ule passes CISPR25 Class 5 conducted and radiated EMI
standards. Refer to Figure 2 and Figure 3 for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com