Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMGP-6552 Datasheet(PDF) 5 Page - Broadcom Corporation.

Part # AMGP-6552
Description  37 ??43.5 GHz Low Noise Down-Converter in SMT Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AMGP-6552 Datasheet(HTML) 5 Page - Broadcom Corporation.

  AMGP-6552 Datasheet HTML 1Page - Broadcom Corporation. AMGP-6552 Datasheet HTML 2Page - Broadcom Corporation. AMGP-6552 Datasheet HTML 3Page - Broadcom Corporation. AMGP-6552 Datasheet HTML 4Page - Broadcom Corporation. AMGP-6552 Datasheet HTML 5Page - Broadcom Corporation. AMGP-6552 Datasheet HTML 6Page - Broadcom Corporation. AMGP-6552 Datasheet HTML 7Page - Broadcom Corporation. AMGP-6552 Datasheet HTML 8Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Figure 1. Conversion Gain at 25° C over Vdd, Lower Side Band
Figure 3. RF Return Loss at 25° C over Vdd
Performance plots (Typical @ 25° C)
Figure 4. Noise Figure at 25° C over Vdd, Lower Side Band
Figure 5. Receiver Image Rejection Ratio @ 25° C over Vdd
Figure 6. LO Return Loss at 25° C, LO = 15 dBm
Figure 2. Input IP3 at 25° C over Vdd, Lower Side Band
Input IP3 @ 25° C, LSB
Frequency (GHz)
Conversion Gain @ 25° C, LSB
0
5
10
15
20
37
38
39
40
41
42
43
44
Frequency (GHz)
-10
-5
0
5
37
38
39
40
41
42
43
44
RF Return Loss @ 25° C
-40
-35
-30
-25
-20
-15
-10
-5
0
10
15
20
25
30
35
40
45
50
Frequency (GHz)
Noise Figure @ 25° C, LSB
2.0
3.0
4.0
5.0
6.0
7.0
8.0
37
38
39
40
41
42
43
44
Frequency (GHz)
IRR @ 25° C, LSB
5
10
15
20
25
37
38
39
40
41
42
43
44
Frequency (GHz)
LO Return Loss @ 25° C, LO = 15 dBm
-40
-30
-20
-10
0
16
17
18
19
20
21
22
23
24
Frequency (GHz)
Vdd = 3 V
Vdd = 3.5 V
Vdd = 4 V
Vdd = 3 V
Vdd = 4 V
Vdd = 3 V
Vdd = 3.5 V
Vdd = 4 V
Vdd = 3 V
Vdd = 3.5 V
Vdd = 4 V
Vdd = 3 V
Vdd = 3.5 V
Vdd = 4 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com