Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTD2Z Datasheet(PDF) 1 Page - Carlo Gavazzi Holding AG

Part # CTD2Z
Description  Accessories AC Current Transformer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

CTD2Z Datasheet(HTML) 1 Page - Carlo Gavazzi Holding AG

  CTD2Z Datasheet HTML 1Page - Carlo Gavazzi Holding AG CTD2Z Datasheet HTML 2Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Accessories
AC Current Transformer
Type CTD-2Z
Specifications are subject to change without notice.
CTD-2Z DS ENG 130116
1
• Cable and bus-bar type current transformer
• Class 0.5, currents from 40 to 600 A
• Removable panel fixing clips
• 2 cable/bus-bar isolated fixing screws
Type Selection
Primary current
From 40 to 600 A
(Refer to Range Table)
Secondary current
5A
Option
XXX: none
Product Description
Ordering Key
Model
Primary current
Secondary current
Option
Cable and bus-bar type current
transformer with cable/bus-bar and
panel mounting facility.
Rated primary currents from 40 to
600 A.
CTD-2Z 200 5A XXX
General Specification
Standards
According to EN61869-2
Housing material
ABS
Mounting
Cable/bus-bar and panel
mounting
Standard accessories
Two cable/bus-bar fixing
screws.
Two plastic caps for cable/
bus-bar fixing screws.
Four panel mounting fixing
clips.
Terminal block covers.
Working temperature
-10°C~50°C
Storage temperature
-10°C~50°C
Approvals
CE
Connection
Screw type (4x10 mm fork
lugs required)
Cable cross section area
2.5mm2
Torque
Max screws tightening torque
relevant to terminal block screws:
2.6 Nm.
Protection degree
IP 20
Cable diameter
Max. 28 mm
Bus-Bar size
Max. 30x10; 25x15; 20x20
Weight
Approx. 580 g
Input Specification
Output Specification
Operating frequency
50/60Hz
Max. system voltage
0.72 kV
Rated insulation level
3 kV/1 min @ 50 Hz
Insulation class
B
Short-time current rating
I
th
60 In/1s
Rated secondary current
5A


Similar Part No. - CTD2Z

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
CTD2X CARLOGAVAZZI-CTD2X Datasheet
310Kb / 2P
Accessories AC Current Transformer
More results

Similar Description - CTD2Z

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
CTD5S CARLOGAVAZZI-CTD5S Datasheet
294Kb / 2P
Accessories AC Split-Core Current Transformer
CTD4X CARLOGAVAZZI-CTD4X Datasheet
364Kb / 2P
Accessories AC Current Transformer
CTD3Z CARLOGAVAZZI-CTD3Z Datasheet
175Kb / 2P
Accessories AC Current Transformer
CTD3X CARLOGAVAZZI-CTD3X Datasheet
555Kb / 2P
Accessories AC Current Transformer
CTD2X CARLOGAVAZZI-CTD2X Datasheet
310Kb / 2P
Accessories AC Current Transformer
CTD1Z CARLOGAVAZZI-CTD1Z Datasheet
202Kb / 2P
Accessories AC Current Transformer
CTD-9V CARLOGAVAZZI-CTD-9V Datasheet
259Kb / 2P
Accessories AC Solid-core Current Transformer
CTD-9S CARLOGAVAZZI-CTD-9S Datasheet
301Kb / 2P
Accessories AC Split-Core Current Transformer
CTD-8V CARLOGAVAZZI-CTD-8V Datasheet
262Kb / 2P
Accessories AC Solid-core Current Transformer
CTD8S CARLOGAVAZZI-CTD8S Datasheet
302Kb / 2P
Accessories AC Split-Core Current Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com