Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX555ABF Datasheet(PDF) 6 Page - Microchip Technology

Part # MX555ABF
Description  Low Jitter Crystal Oscillator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MX555ABF Datasheet(HTML) 6 Page - Microchip Technology

Back Button MX555ABF Datasheet HTML 2Page - Microchip Technology MX555ABF Datasheet HTML 3Page - Microchip Technology MX555ABF Datasheet HTML 4Page - Microchip Technology MX555ABF Datasheet HTML 5Page - Microchip Technology MX555ABF Datasheet HTML 6Page - Microchip Technology MX555ABF Datasheet HTML 7Page - Microchip Technology MX555ABF Datasheet HTML 8Page - Microchip Technology MX555ABF Datasheet HTML 9Page - Microchip Technology MX555ABF Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
MX55/57
DS20005972A-page 6
 2018 Microchip Technology Inc.
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1 and Table 2-2.
TABLE 2-1:
PIN FUNCTION TABLE (ENABLE PIN 1 OPTION)
TABLE 2-2:
PIN FUNCTION TABLE (ENABLE PIN 2 OPTION)
Pin Number
Pin Name
Pin Type
Description
1
OE
I
Output Enable.
Active-High and Active-Low Options.
2
DNC
NC
Do not connect, Leave Floating.
3
GND
Power
Power Supply Ground.
4
Q
O
Clock Output + or Output for CMOS.
5Q
O
Clock Output – or Do Not Connect for CMOS.
6
VDD
Power
Power Supply.
Pin Number
Pin Name
Pin Type
Description
1
DNC
NC
Do not connect, Leave Floating.
2OE
I
Output Enable.
Active-High and Active-Low Options.
3
GND
Power
Power Supply Ground.
4
Q
O
Clock Output + or Output for CMOS.
5Q
O
Clock Output – or Do Not Connect for CMOS.
6
VDD
Power
Power Supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com