Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF3440IDBVR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # REF3440IDBVR
Description  REF34xx Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF3440IDBVR Datasheet(HTML) 2 Page - Texas Instruments

  REF3440IDBVR Datasheet HTML 1Page - Texas Instruments REF3440IDBVR Datasheet HTML 2Page - Texas Instruments REF3440IDBVR Datasheet HTML 3Page - Texas Instruments REF3440IDBVR Datasheet HTML 4Page - Texas Instruments REF3440IDBVR Datasheet HTML 5Page - Texas Instruments REF3440IDBVR Datasheet HTML 6Page - Texas Instruments REF3440IDBVR Datasheet HTML 7Page - Texas Instruments REF3440IDBVR Datasheet HTML 8Page - Texas Instruments REF3440IDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Device Comparison Table...............................................3
6 Pin Configuration and Functions...................................3
7 Specifications.................................................................. 4
7.1 Absolute Maximum Ratings ....................................... 4
7.2 ESD Ratings .............................................................. 4
7.3 Recommended Operating Conditions ........................4
7.4 Thermal Information ...................................................4
7.5 Electrical Characteristics ............................................5
7.6 Typical Characteristics................................................ 7
8 Parameter Measurement Information.......................... 11
8.1 Solder Heat Shift....................................................... 11
8.2 Long-Term Stability................................................... 12
8.3 Thermal Hysteresis................................................... 12
8.4 Power Dissipation..................................................... 13
8.5 Noise Performance................................................... 14
9 Detailed Description......................................................15
9.1 Overview................................................................... 15
9.2 Functional Block Diagram......................................... 15
9.3 Feature Description...................................................15
9.4 Device Functional Modes..........................................16
10 Application and Implementation................................ 17
10.1 Application Information........................................... 17
10.2 Typical Application: Basic Voltage Reference
Connection.................................................................. 17
11 Power Supply Recommendations..............................19
12 Layout...........................................................................20
12.1 Layout Guidelines................................................... 20
12.2 Layout Example...................................................... 20
13 Device and Documentation Support..........................21
13.1 Documentation Support.......................................... 21
13.2 Receiving Notification of Documentation Updates..21
13.3 Support Resources................................................. 21
13.4 Trademarks.............................................................21
13.5 Electrostatic Discharge Caution..............................21
13.6 Glossary..................................................................21
14 Mechanical, Packaging, and Orderable
Information.................................................................... 21
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (March 2018) to Revision C (February 2021)
Page
• Added "Device Information" to include REF34xxT............................................................................................. 1
• Added hyperlinks to "Applications"..................................................................................................................... 1
• Changed "VREF" to "VOUT" throught document................................................................................................... 1
• Added REF34xxT to "Device Comparison Table"...............................................................................................3
• Added REF34xxT to "Pin Configuration and Functions".....................................................................................3
• Added Configuration Information to "Electrical Characteristics”......................................................................... 4
• Changed ABS MAX IN MIN to "-0.3V"................................................................................................................4
• Added REF34xxT to "Layout Guidelines" and "Layout Example".....................................................................20
Changes from Revision A (December 2017) to Revision B (March 2018)
Page
• Added 2 new GPNS: REF3440 and REF3450 .................................................................................................. 1
• Changed "Excellent Long-Term Stability 30 ppm/1000 hrs" to "Excellent Long-Term Stability 25 ppm/1000
hrs" in Section 1 .................................................................................................................................................1
• Changed "...typical drift value for the REF34xx is 30 ppm from 0 to 1000 hours" to "...typical drift value for the
REF34xx is 25 ppm from 0 to 1000 hours" and changed Figure 8-3 in Section 8.2 ........................................ 12
• Changed "(as shown in Figure 26)" to " as shown in Figure 9-1 in last paragraph of Section 10.2.2.2 ..........18
Changes from Revision * (September 2017) to Revision A (December 2017)
Page
• Added production release of 2 new output voltage option devices, REF3430 and REF3433............................ 1
REF3425, REF3430, REF3433, REF3440, REF3450
SBAS804C – SEPTEMBER 2017 – REVISED FEBRUARY 2021
www.ti.com
2
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: REF3425 REF3430 REF3433 REF3440 REF3450



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com