Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VG6640 Datasheet(PDF) 71 Page - STMicroelectronics

Part # VG6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VG6640 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button VG6640 Datasheet HTML 67Page - STMicroelectronics VG6640 Datasheet HTML 68Page - STMicroelectronics VG6640 Datasheet HTML 69Page - STMicroelectronics VG6640 Datasheet HTML 70Page - STMicroelectronics VG6640 Datasheet HTML 71Page - STMicroelectronics VG6640 Datasheet HTML 72Page - STMicroelectronics VG6640 Datasheet HTML 73Page - STMicroelectronics VG6640 Datasheet HTML 74Page - STMicroelectronics VG6640 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 126 page
background image
DocID023597 Rev 11
71/126
VG6640, VD6640
Video timing
125
6
Video timing
This chapter should be read in conjunction with the section on video timing found within the
SMIA Functional Specification (Section 5 - Video Timing).
The following video timing features are supported:
external synchronization of frame start using an I2C command or a hardware signal
single region windowing (window of interest)
dual register banks are available in firmware to allow per frame context switching
between different timing sets
subsampling of pixel data
programmable line and frame blanking
vertical and/or horizontal image mirroring
6.1
Programmable image size
The native size of the pixel array is 1304 x 980.
A region of the pixel array may be defined by programming the x_addr_start, y_addr_start,
x_addr_end and y_addr_end registers. The addressed region of the array is used in any
subsequent subsampling.
The x_output_size and y_output_size registers are not intended as the primary cropping
controls. They are intended to define the position of the frame end(a) so that the sensor does
not need to calculate this based on the window of interest, digital crop or sub-sampling
settings.
The companion device should set the output sizes to exactly enclose the output image data.
If the companion device does not do this, the image sensor will treat the output sizes as
being calculated from the top left hand corner of the output array. If the programmed output
sizes are smaller than the output data size, the output data is cropped from the bottom and
right limits. If the programmed output sizes are larger than the output data, the additional
data lines are padded out to the defined output size with undefined data.
a. In the case of CSI-2 output interface, the frame end is marked by the FE code, refer to Figure 16: CSI-2 frame
format on page 67. In the case of the parallel output interface, the frame end is marked by the VSYNC
transition, refer to Figure 17: Hardware synchronization frame structure on page 69.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com