Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VD6640 Datasheet(PDF) 23 Page - STMicroelectronics

Part # VD6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD6640 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button VD6640 Datasheet HTML 19Page - STMicroelectronics VD6640 Datasheet HTML 20Page - STMicroelectronics VD6640 Datasheet HTML 21Page - STMicroelectronics VD6640 Datasheet HTML 22Page - STMicroelectronics VD6640 Datasheet HTML 23Page - STMicroelectronics VD6640 Datasheet HTML 24Page - STMicroelectronics VD6640 Datasheet HTML 25Page - STMicroelectronics VD6640 Datasheet HTML 26Page - STMicroelectronics VD6640 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 126 page
background image
DocID023597 Rev 11
23/126
VG6640, VD6640
Functional description
125
Figure 7. HDR video pipe
3.2.1
Three sub-pipes for each pixel
Each sub-pipe contains the following blocks, operating on each exposure of the image:
Dark calibration
An algorithm that estimates the dark current for each pixel and each pixel exposure.
The estimated dark current value is then subtracted from each pixel exposure value in
order to accurately render the image.
Exposure alignment
Line memories that store the intermediate long and medium exposure time values until
the short integration time value of the same pixel is available.
Defect correction
An algorithm to correct defective pixels. This can be configured to manage RAW Bayer
or monochrome color masks. Single or couplet defective pixels may be removed
dynamically. Couplet defective pixels may be mapped out and removed using data
from the non-volatile memory (NVM). Up to 32 pixels may be mapped out.
Digital gain
In combination with the analog gain, a higher system gain can be achieved. The digital
gain can also be used to compensate for the coarse step size of the analog gain, as the
digital gain has a much finer step size. This allows further white balance and exposure
corrections to be made by the companion device.
HDR video pipe
3 x Sub-pipes
(1 for each exposure)
Exposure
alignment
Defect
correction
Dark
calibration
Digital
gain
Pattern
generator
Statistics
gathering
HDR
rescaling
PWL
compress
Status
line
MIPI
and
parallel
I/O
CAB
CSI-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com