| Electronic Components Datasheet Search |
|
MCP3302I/P Datasheet(PDF) 24 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP3302I/P Datasheet(HTML) 24 Page - Microchip Technology |
|
24 / 40 page ![]() MCP3302/04 DS21697B-page 24 2002 Microchip Technology Inc. FIGURE 7-2: Communication with MCP3302/04 (MSB first Format). FIGURE 7-3: Communication with MCP3302/04 (LSB first Format). CS CLK DIN DOUT D1 D2 D0 HI-Z Don’t Care Null Bit B11 B10 B9 B8 B7 B6 B5 B4 B3 B2 B1 B0 * HI-Z TACQ TCONV SGL/ DIFF Start TSAMPLE TCSH TSAMPLE D2 SGL/ DIFF Start * After completing the data transfer, if further clocks are applied with CS low, the A/D Converter will output LSB first data, followed by zeros indefinitely. See Figure 7-3 below. ** TDATA: during this time, the bias current and the comparator power down while the reference input becomes a high impedance node, leaving the CLK running to clock out the LSB-first data or zeros. † When operating in single ended mode, the sign bit will always be transmitted as a ‘0’. TDATA ** TSUCS SB† Null Bit B11 B10 B9 B8 B7 B6 B5 B4 B3 B2 B1 B0 B1 B2 B3 B4 B5 B6 B7 B8 B9 B10 B11 CS CLK DOUT HI-Z HI-Z (MSB) TCONV TDATA ** Power Down TACQ Start SGL/ DIFF DIN TSAMPLE TCSH D0 D1 D2 * After completing the data transfer, if further clocks are applied with CS low, the A/D Converter will output zeros indefinitely. ** TDATA: During this time, the bias circuit and the comparator power down while the reference input becomes a high impedance node, leaving the CLK running to clock out LSB first data or zeroes. † When operating in single ended mode, the sign bit will always be transmitted as a ‘0’. TSUCS Don’t Care SB† SB* |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |