Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3304I/P Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP3304I/P
Description  13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3304I/P Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP3304I/P Datasheet HTML 19Page - Microchip Technology MCP3304I/P Datasheet HTML 20Page - Microchip Technology MCP3304I/P Datasheet HTML 21Page - Microchip Technology MCP3304I/P Datasheet HTML 22Page - Microchip Technology MCP3304I/P Datasheet HTML 23Page - Microchip Technology MCP3304I/P Datasheet HTML 24Page - Microchip Technology MCP3304I/P Datasheet HTML 25Page - Microchip Technology MCP3304I/P Datasheet HTML 26Page - Microchip Technology MCP3304I/P Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
 2002 Microchip Technology Inc.
DS21697B-page 23
MCP3302/04
7.2
Communicating with the MCP3302
and MCP3304
Communication with the MCP3302/04 devices is done
using a standard SPI-compatible serial interface. Initi-
ating communication with either device is done by
bringing the CS line low (see Figure 7-2). If the device
was powered up with the CS pin low, it must be brought
high and back low to initiate communication. The first
clock received with CS low and DIN high will constitute
a start bit. The SGL/DIFF bit follows the start bit and will
determine if the conversion will be done using single
ended or differential input mode. Each channel in
single ended mode will operate as a 12-bit converter
with a unipolar output. No negative codes will be output
in single ended mode. The next three bits (D0, D1 and
D2) are used to select the input channel configuration.
Table 7-2 and Table 7-3 show the configuration bits for
the MCP3302 and MCP3304, respectively. The device
will begin to sample the analog input on the fourth rising
edge of the clock after the start bit has been received.
The sample period will end on the falling edge of the
fifth clock following the start bit.
After the D0 bit is input, one more clock is required to
complete the sample and hold period (DIN is a “don’t
care” for this clock). On the falling edge of the next
clock, the device will output a low null bit. The next 13
clocks will output the result of the conversion with the
sign bit first, followed by the 12 remaining data bits, as
shown in Figure 7-2. Note that if the device is operating
in the single ended mode, the sign bit will always be
transmitted as a ‘0’. Data is always output from the
device on the falling edge of the clock. If all 13 data bits
have been transmitted, and the device continues to
receive clocks while the CS is held low, the device will
output the conversion result, LSB, first, as shown in
Figure 7-3. If more clocks are provided to the device
while CS is still low (after the LSB first data has been
transmitted), the device will clock out zeros indefinitely.
If necessary, it is possible to bring CS low and clock in
leading zeros on the DIN line before the start bit. This is
often done when dealing with microcontroller-based
SPI ports that must send 8 bits at a time. Refer to
Section 7.3 for more details on using the MCP3302/04
devices with hardware SPI ports
TABLE 7-2:
CONFIGURATION BITS FOR
THE MCP3302
TABLE 7-3:
CONFIGURATION BITS FOR
THE MCP3304
Control Bit
Selections
Input
Configuration
Channel
Selection
Single
/Diff
D2* D1 D0
1
X
0
0
single ended
CH0
1
X
0
1
single ended
CH1
1
X
1
0
single ended
CH2
1
X
1
1
single ended
CH3
0
X
0
0
differential
CH0 = IN+
CH1 = IN-
0
X
0
1
differential
CH0 = IN-
CH1 = IN+
0
X
1
0
differential
CH2 = IN+
CH3 = IN-
0
X
1
1
differential
CH2 = IN-
CH3 = IN+
*D2 is don’t care for MCP3302
Control Bit
Selections
Input
Configuration
Channel
Selection
SinglE
/Diff
D2
D1 D0
1
0
0
0
single ended
CH0
1
0
0
1
single ended
CH1
1
0
1
0
single ended
CH2
1
0
1
1
single ended
CH3
1
1
0
0
single ended
CH4
1
1
0
1
single ended
CH5
1
1
1
0
single ended
CH6
1
1
1
1
single ended
CH7
0
0
0
0
differential
CH0 = IN+
CH1 = IN-
0
0
0
1
differential
CH0 = IN-
CH1 = IN+
0
0
1
0
differential
CH2 = IN+
CH3 = IN-
0
0
1
1
differential
CH2 = IN-
CH3 = IN+
0
1
0
0
differential
CH4 = IN+
CH5 = IN-
0
1
0
1
differential
CH4 = IN-
CH5 = IN+
0
1
1
0
differential
CH6 = IN+
CH7 = IN-
0
1
1
1
differential
CH6 = IN-
CH7 = IN+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com