Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3304I/SL Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP3304I/SL
Description  13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3304I/SL Datasheet(HTML) 1 Page - Microchip Technology

  MCP3304I/SL Datasheet HTML 1Page - Microchip Technology MCP3304I/SL Datasheet HTML 2Page - Microchip Technology MCP3304I/SL Datasheet HTML 3Page - Microchip Technology MCP3304I/SL Datasheet HTML 4Page - Microchip Technology MCP3304I/SL Datasheet HTML 5Page - Microchip Technology MCP3304I/SL Datasheet HTML 6Page - Microchip Technology MCP3304I/SL Datasheet HTML 7Page - Microchip Technology MCP3304I/SL Datasheet HTML 8Page - Microchip Technology MCP3304I/SL Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
 2002 Microchip Technology Inc.
DS21697B-page 1
M
MCP3302/04
Features
• Full Differential Inputs
• MCP3302: 2 Differential or 4 Single ended Inputs
• MCP3304: 4 Differential or 8 Single ended Inputs
• ±1 LSB max DNL
• ±1 LSB max INL (MCP3302/04-B)
• ±2 LSB max INL (MCP3302/04-C)
• Single supply operation: 2.7V to 5.5V
• 100 ksps sampling rate with 5V supply voltage
• 50 ksps sampling rate with 2.7V supply voltage
• 50 nA typical standby current, 1
µA max
•450
µA max active current at 5V
• Industrial temp range: -40°C to +85°C
• 14 and 16-pin PDIP, SOIC and TSSOP packages
• MXDEVTM Evaluation kit available
Applications
• Remote Sensors
• Battery Operated Systems
• Transducer Interface
Package Types
General Description
The Microchip Technology Inc. MCP3302/04 13-bit A/D
converters feature full differential inputs and low power
consumption in a small package that is ideal for battery
powered systems and remote data acquisition applica-
tions. The MCP3302 is programmable to provide two
differential input pairs or four single ended inputs. The
MCP3304 is programmable and provides four differen-
tial input pairs or eight single ended inputs.
Incorporating a successive approximation architecture
with on-board sample and hold circuitry, these 13-bit
A/D converters are specified to have ±1 LSB Differen-
tial Nonlinearity (DNL); ±1 LSB Integral Nonlinearity
(INL) for B-grade and ±2 LSB for C-grade devices. The
industry-standard SPI™ serial interface enables 13-bit
A/D converter capability to be added to any PICmicro®
microcontroller.
The MCP3302/04 devices feature low current design
that permits operation with typical standby and active
currents of only 50 nA and 300
µA, respectively. The
devices operate over a broad voltage range of 2.7V to
5.5V and are capable of conversion rates of up to
100 ksps. The reference voltage can be varied from
400 mV to 5V, yielding input-referred resolution
between 98
µV and 1.22 mV.
The MCP3302 is available in 14-pin PDIP, 150 mil
SOIC and TSSOP packages. The MCP3304 is avail-
able in 16-pin PDIP and 150 mil SOIC packages. The
full differential inputs of these devices enable a wide
variety of signals to be used in applications such as
remote data acquisition, portable instrumentation and
battery operated applications.
VDD
CLK
DOUT
1
2
3
4
14
13
12
11
10
9
8
5
6
7
VREF
DIN
CH0
CH1
CH2
CH3
CS/SHDN
DGND
AGND
NC
VDD
CLK
DOUT
1
2
3
4
16
15
14
13
12
11
10
9
5
6
7
8
VREF
DIN
CS/SHDN
DGND
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
NC
AGND
PDIP, SOIC, TSSOP
PDIP, SOIC
13-Bit Differential Input, Low Power A/D Converter
with SPI™ Serial Interface


Similar Part No. - MCP3304I/SL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3304 MICROCHIP-MCP3304 Datasheet
666Kb / 40P
13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
2002
MCP3304 MICROCHIP-MCP3304 Datasheet
769Kb / 40P
13-Bit Differential Input, Low Power A/D Converter with SPI??Serial Interface
2007
MCP3304 MICROCHIP-MCP3304 Datasheet
887Kb / 46P
13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
2008
MCP3304 MICROCHIP-MCP3304 Datasheet
1Mb / 48P
13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
2011
MCP3304-BI/P MICROCHIP-MCP3304-BI/P Datasheet
769Kb / 40P
13-Bit Differential Input, Low Power A/D Converter with SPI??Serial Interface
2007
More results

Similar Description - MCP3304I/SL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3304 MICROCHIP-MCP3304 Datasheet
666Kb / 40P
13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
2002
MCP3301-CI-SN MICROCHIP-MCP3301-CI-SN Datasheet
700Kb / 32P
13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
2002
MCP3201 MICROCHIP-MCP3201_07 Datasheet
489Kb / 28P
2.7V 12-Bit A/D Converter with SPI Serial Interface
2007
MCP3001 MICROCHIP-MCP3001_07 Datasheet
453Kb / 28P
2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2007
MCP3302 MICROCHIP-MCP3302_07 Datasheet
769Kb / 40P
13-Bit Differential Input, Low Power A/D Converter with SPI??Serial Interface
2007
MCP3301 MICROCHIP-MCP3301_07 Datasheet
758Kb / 32P
13-Bit Differential Input, Low Power A/D Converter with SPI??Serial Interface
2007
MCP3201 MICROCHIP-MCP3201_08 Datasheet
713Kb / 36P
2.7V 12-Bit A/D Converter with SPI Serial Interface
2008
MCP3302 MICROCHIP-MCP3302_08 Datasheet
887Kb / 46P
13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
2008
MCP3302 MICROCHIP-MCP3302_11 Datasheet
1Mb / 48P
13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
2011
MCP3301 MICROCHIP-MCP3301_11 Datasheet
647Kb / 38P
13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com