Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI74FCT16827AT Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI74FCT16827AT
Description  Fast CMOS 20-Bit Buffers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT16827AT Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

  PI74FCT16827AT Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT16827AT Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT16827AT Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT16827AT Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT16827AT Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74FCT16827AT Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74FCT16827AT Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PI74FCT16827T/162827/162H827T
20-BIT BUFFERS
6
PS2041A 03/11/96
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
16827AT
16827BT
16827CT
16827DT
16827ET
Com.
Com.
Com.
Com.
Com.
Parameters
Description
Conditions(1)
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Unit
tPLH
Propagation Delay
CL = 50 pF
1.5
8.0
1.5
5.0
1.5
4.4
1.5
3.8
1.5
3.2
ns
tPHL
X
AX to XYX
RL = 500
Ω
CL = 300 pF(3)
1.5
15.0
1.5
13.0
1.5
10.0
1.5
7.5
1.5
7.0
ns
RL = 500
Ω
tPZH
Output Enable Time
CL = 50 pF
1.5
12.0
1.5
8.0
1.5
7.0
1.5
5.0
1.5
4.8
ns
tPZL
X
OEX to XYX
RL = 500
Ω
CL = 300 pF(3)
1.5
23.0
1.5
15.0
1.5
14.0
1.5
9.0
1.5
9.0
ns
RL = 500
Ω
tPHZ
Output Disable Time(3)
CL = 5 pF(3)
1.5
9.0
1.5
6.0
1.5
5.7
1.5
4.3
1.5
4.0
ns
tPLZ
OEN to YN
RL = 500
Ω
CL = 50 pF
1.5
10.0
1.5
7.0
1.5
6.0
1.5
4.3
1.5
4.0
ns
RL = 500
Ω
tSK(O)
Output Skew (4)
—
0.5
—
0.5
—
0.5
—
0.5
—
0.5
ns
PI74FCT16827T Switching Characteristics over Operating Range
162827AT
162827BT
162827CT
162827DT
162827ET
Com.
Com.
Com.
Com.
Com.
Parameters
Description
Conditions(1)
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Unit
tPLH
Propagation Delay
CL = 50 pF
1.5
8.0
1.5
5.0
1.5
4.4
1.5
3.8
1.5
3.2
ns
tPHL
X
AX to XYX
RL = 500
Ω
CL = 300 pF(3)
1.5
15.0
1.5
13.0
1.5
10.0
1.5
7.5
1.5
7.0
ns
RL = 500
Ω
tPZH
Output Enable Time
CL = 50 pF
1.5
12.0
1.5
8.0
1.5
7.0
1.5
5.0
1.5
4.8
ns
tPZL
X
OEX to XYX
RL = 500
Ω
CL = 300 pF(3)
1.5
23.0
1.5
15.0
1.5
14.0
1.5
9.0
1.5
9.0
ns
RL = 500
Ω
tPHZ
Output Disable Time(3)
CL = 5 pF(3)
1.5
9.0
1.5
6.0
1.5
5.7
1.5
4.3
1.5
4.0
ns
tPLZ
OEN to YN
RL = 500
Ω
CL = 50 pF
1.5
10.0
1.5
7.0
1.5
6.0
1.5
4.3
1.5
4.0
ns
RL = 500
Ω
tSK(O)
Output Skew (4)
—
0.5
—
0.5
—
0.5
—
0.5
—
0.5
ns
PI74FCT162827T Switching Characteristics over Operating Range
Notes:
1. See test circuit and wave forms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. This parameter is guaranteed but not production tested.
4. Skew between any two outputs, of the same package, switching in the same direction. This parameter is guaranteed by design.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com