Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24FJ128GL306 Datasheet(PDF) 73 Page - Microchip Technology

Part # PIC24FJ128GL306
Description  16-Bit eXtreme Low-Power Microcontrollers with LCD Controller in Low Pin Count Packages
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GL306 Datasheet(HTML) 73 Page - Microchip Technology

Back Button PIC24FJ128GL306 Datasheet HTML 69Page - Microchip Technology PIC24FJ128GL306 Datasheet HTML 70Page - Microchip Technology PIC24FJ128GL306 Datasheet HTML 71Page - Microchip Technology PIC24FJ128GL306 Datasheet HTML 72Page - Microchip Technology PIC24FJ128GL306 Datasheet HTML 73Page - Microchip Technology PIC24FJ128GL306 Datasheet HTML 74Page - Microchip Technology PIC24FJ128GL306 Datasheet HTML 75Page - Microchip Technology PIC24FJ128GL306 Datasheet HTML 76Page - Microchip Technology PIC24FJ128GL306 Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 424 page
background image
 2019-2020 Microchip Technology Inc.
DS30010198B-page 73
PIC24FJ128GL306 FAMILY
REGISTER 6-9:
ECCSTATL: ECC SYSTEM STATUS DISPLAY REGISTER LOW
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
SECOUT[7:0]
bit 15
bit 8
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
SECIN[7:0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-8
SECOUT[7:0]: Calculated Single Error Correction Parity Value bits
bit 7-0
SECIN[7:0]: Read Single Error Correction Parity Value bits
SECIN[7:0] bits are the actual parity value of a Flash read operation.
REGISTER 6-10:
ECCSTATH: ECC SYSTEM STATUS DISPLAY REGISTER HIGH
U-0
U-0
U-0
U-0
U-0
U-0
R-0
R-0
—
—
—
—
—
—
DEDOUT
DEDIN
bit 15
bit 8
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
SECSYND[7:0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-10
Unimplemented: Read as ‘0’
bit 9
DEDOUT: Calculated Dual Bit Error Detection Parity bit
bit 8
DEDIN: Read Dual Bit Error Detection Parity bit
DEDIN is the actual parity value of a Flash read operation.
bit 7-0
SECSYND[7:0]: Calculated ECC Syndrome Value bits
Indicates the bit location that contains the error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com