Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24FJ128GL302 Datasheet(PDF) 20 Page - Microchip Technology

Part # PIC24FJ128GL302
Description  16-Bit eXtreme Low-Power Microcontrollers with LCD Controller in Low Pin Count Packages
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GL302 Datasheet(HTML) 20 Page - Microchip Technology

Back Button PIC24FJ128GL302 Datasheet HTML 16Page - Microchip Technology PIC24FJ128GL302 Datasheet HTML 17Page - Microchip Technology PIC24FJ128GL302 Datasheet HTML 18Page - Microchip Technology PIC24FJ128GL302 Datasheet HTML 19Page - Microchip Technology PIC24FJ128GL302 Datasheet HTML 20Page - Microchip Technology PIC24FJ128GL302 Datasheet HTML 21Page - Microchip Technology PIC24FJ128GL302 Datasheet HTML 22Page - Microchip Technology PIC24FJ128GL302 Datasheet HTML 23Page - Microchip Technology PIC24FJ128GL302 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 424 page
background image
PIC24FJ128GL306 FAMILY
DS30010198B-page 20
 2020 Microchip Technology Inc.
U4CTS
U4RTS
U4RX
U4TX
I
O
I
O
ST
DIG
ST
DIG
Yes
Yes
Yes
Yes
UART4 Clear-to-Send
UART4 Request-to-Send
UART4 Receive
UART4 Transmit
SOSCI
SOSCO
SCLKI
—
—
I
—
—
ST
—
No
No
Secondary Oscillator/Timer1 Clock Input
Secondary Oscillator/Timer1 Clock Output
Secondary Clock Digital Input
T1CK
T2CK-T5CK
TxCK
I
I
I
ST
ST
ST
No
Yes
Yes
Timer1 Clock
Timer2 through Timer5 Clock
Timer External Clock
TCK
TDI
TDO
TMS
I
I
O
I
ST
ST
DIG
ST
No
No
No
No
JTAG Test Clock/Programming Clock Input
JTAG Test Data/Programming Data Input
JTAG Test Data Output
JTAG Test Mode Select Input
VCAP
P
—
No External Filter Capacitor Connection (regulator enabled)
VDD
P
—
No Positive Supply for Peripheral Digital Logic and I/O Pins
VREF+
I
Analog
No Comparator and A/D Reference Voltage (high) Input
VSS
P
—
No Ground Reference for Peripheral Digital Logic and I/O Pins
TABLE 1-1:
PIC24FJ128GL306 FAMILY PINOUT DESCRIPTION (CONTINUED)
Pin Name
Pin
Type
Buffer Type
PPS
Description
Legend: TTL = TTL input buffer
ST = Schmitt Trigger input buffer
DIG = Digital input/output
I2C = I2C/SMBus input buffer
Analog = Analog level input/output
SMB3 = SMBus Version 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com