Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

193603 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 193603
Description  Vacuum generator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

193603 Datasheet(HTML) 1 Page - Festo Corporation.

  193603 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Vacuum generator
VN-14-L-T4-PQ2-VA5-RQ3
Part number: 193603
Data sheet
Feature
Value
Nominal width of Laval nozzle
1.4 mm
Width dimension
18 mm
Type code
VN
Mounting position
Any
Ejector characteristics
High suction rate
Standard
Design
T-shape
Symbol
00991490
Operating pressure for max. suction rate
8 bar
Operating pressure
1 bar ... 8 bar
Nominal operating pressure
6 bar
Max. suction rate with respect to atmosphere
90 l/min
Air supply time at nominal operating pressure
0.25 s
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication not possible
Corrosion resistance class (CRC)
1 - Low corrosion stress
Temperature of medium
0 °C ... 60 °C
Ambient temperature
0 °C ... 60 °C
Max. tightening torque
0.5 Nm
Product weight
33 g
Type of mounting
With through-hole
With accessories
Pneumatic connection 1
QS-6
Pneumatic connection 3
QS-8
Vacuum connection
G1/4
Material of connecting thread
Wrought aluminum alloy
Note on materials
Free of copper and PTFE
RoHS-compliant
Seals material
NBR
Female nozzle material
POM
Housing material
POM-reinforced
Material of jet nozzle
Wrought aluminum alloy
Material of pneumatic fitting
Brass
Nickel-plated
2/23/21 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - 193603

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1936034 PHOENIX-1936034 Datasheet
65Kb / 4P
Base strip - MSTBVA 2,5/ 4-G-5,08-RN
More results

Similar Description - 193603

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VN-10-H-T3-PI4-VI4-RI4 FESTO-VN-10-H-T3-PI4-VI4-RI4 Datasheet
81Kb / 1P
Vacuum generator
VN-10-L-T4-PQ2-VA5-RQ3 FESTO-VN-10-L-T4-PQ2-VA5-RQ3 Datasheet
85Kb / 1P
Vacuum generator
VN-10-L-T4-PQ2-VQ2-O2-P FESTO-VN-10-L-T4-PQ2-VQ2-O2-P Datasheet
94Kb / 2P
Vacuum generator
VN-10-L-T4-PQ2-VQ3-RQ3 FESTO-VN-10-L-T4-PQ2-VQ3-RQ3 Datasheet
88Kb / 1P
Vacuum generator
VN-14-H-T4-PI4-VI5-RI5 FESTO-VN-14-H-T4-PI4-VI5-RI5 Datasheet
80Kb / 1P
Vacuum generator
VN-14-H-T4-PQ2-VQ3-RQ3 FESTO-VN-14-H-T4-PQ2-VQ3-RQ3 Datasheet
89Kb / 1P
Vacuum generator
VN-14-L-T4-PQ2-VQ3-RQ3 FESTO-VN-14-L-T4-PQ2-VQ3-RQ3 Datasheet
86Kb / 1P
Vacuum generator
VN-14-L-T4-PQ3-VQ3-RO2-A FESTO-VN-14-L-T4-PQ3-VQ3-RO2-A Datasheet
94Kb / 2P
Vacuum generator
VADMI-140 FESTO-VADMI-140 Datasheet
95Kb / 2P
Vacuum generator
VADMI-140-N FESTO-VADMI-140-N Datasheet
97Kb / 2P
Vacuum generator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com