Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASMM-CS03-HM002 Datasheet(PDF) 8 Page - Broadcom Corporation.

Part # ASMM-CS03-HM002
Description  PLCC-2 Surface Mount LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ASMM-CS03-HM002 Datasheet(HTML) 8 Page - Broadcom Corporation.

Back Button ASMM-CS03-HM002 Datasheet HTML 4Page - Broadcom Corporation. ASMM-CS03-HM002 Datasheet HTML 5Page - Broadcom Corporation. ASMM-CS03-HM002 Datasheet HTML 6Page - Broadcom Corporation. ASMM-CS03-HM002 Datasheet HTML 7Page - Broadcom Corporation. ASMM-CS03-HM002 Datasheet HTML 8Page - Broadcom Corporation. ASMM-CS03-HM002 Datasheet HTML 9Page - Broadcom Corporation. ASMM-CS03-HM002 Datasheet HTML 10Page - Broadcom Corporation. ASMM-CS03-HM002 Datasheet HTML 11Page - Broadcom Corporation. ASMM-CS03-HM002 Datasheet HTML 12Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
ASMM-Cx03-xxxxx Data Sheet
PLCC-2 Surface Mount LED
Broadcom
ASMM-Cx03-xxxxx-DS106
8
Bin Information
Intensity Bin Limits (CAT)
Color Bin Limits (BIN)
Tolerance = ±1 nm.
Example of bin information on reel and packaging label:
Bin ID
Luminous Intensity, IV (mcd)
Min.
Max.
J1
4.5
5.6
J2
5.6
7.2
K1
7.2
9.0
K2
9.0
11.2
L1
11.2
14.0
L2
14.0
18.0
M1
18.0
22.4
M2
22.4
28.5
N1
28.5
35.5
N2
35.5
45.0
P1
45.0
56.0
P2
56.0
71.5
Q1
71.5
90.0
Q2
90.0
112.5
R1
112.5
140.0
R2
140.0
180.0
S1
180.0
224.0
S2
224.0
285.0
T1
285.0
355.0
T2
355.0
450.0
U1
450.0
560.0
U2
560.0
715.0
V1
715.0
900.0
V2
900.0
1125.0
W1
1125.0
1400.0
W2
1400.0
1800.0
Bin ID
Dominant Wavelength,
d (nm)
Min.
Max.
Yellow Green
1
564.5
567.5
2
567.5
570.5
3
570.5
573.5
4
573.5
576.5
Amber
2
583.0
586.0
3
586.0
589.0
4
589.0
592.0
5
592.0
595.0
6
595.0
598.0
Orange
1
597.0
600.0
2
600.0
603.0
3
603.0
606.0
4
606.0
609.0
5
609.0
612.0
Red-Orange
1
611.0
616.0
2
616.0
620.0
3
620.0
625.0
Red
0
618.0
635.0
Super Red
0
635.0
650.0
CAT : R2
Intensity bin R2
BIN : 2
Color bin 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com