Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWW0CD10A Datasheet(PDF) 11 Page - Seoul Semiconductor

Part # SWW0CD10A
Description  High reliability and High quality of light
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWW0CD10A Datasheet(HTML) 11 Page - Seoul Semiconductor

Back Button SWW0CD10A Datasheet HTML 7Page - Seoul Semiconductor SWW0CD10A Datasheet HTML 8Page - Seoul Semiconductor SWW0CD10A Datasheet HTML 9Page - Seoul Semiconductor SWW0CD10A Datasheet HTML 10Page - Seoul Semiconductor SWW0CD10A Datasheet HTML 11Page - Seoul Semiconductor SWW0CD10A Datasheet HTML 12Page - Seoul Semiconductor SWW0CD10A Datasheet HTML 13Page - Seoul Semiconductor SWW0CD10A Datasheet HTML 14Page - Seoul Semiconductor SWW0CD10A Datasheet HTML 15Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Rev1.0, Apr 30, 2019
www.seoulsemicon.com
SWW0CD10A – WICOP-C G2HF
11
Color Bin Structure
Table 3. Bin Code Description (Ta = 25℃, IF = 1.0A)
Part Number
Luminous Flux [lm]
Color
Coordinate
Forward Voltage [V]
Bin
Code
Min.
Max.
Bin
Code
Min.
Max.
SWW0CD10A
7B
750
775
Refer to Page12
W2
6.00
6.50
8B
775
800
9B
800
825
W3
6.50
7.00
0B
825
850



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com