Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3302T-I/ST Datasheet(PDF) 27 Page - Microchip Technology

Part # MCP3302T-I/ST
Description  13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3302T-I/ST Datasheet(HTML) 27 Page - Microchip Technology

Back Button MCP3302T-I/ST Datasheet HTML 23Page - Microchip Technology MCP3302T-I/ST Datasheet HTML 24Page - Microchip Technology MCP3302T-I/ST Datasheet HTML 25Page - Microchip Technology MCP3302T-I/ST Datasheet HTML 26Page - Microchip Technology MCP3302T-I/ST Datasheet HTML 27Page - Microchip Technology MCP3302T-I/ST Datasheet HTML 28Page - Microchip Technology MCP3302T-I/ST Datasheet HTML 29Page - Microchip Technology MCP3302T-I/ST Datasheet HTML 30Page - Microchip Technology MCP3302T-I/ST Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
 2002 Microchip Technology Inc.
DS21697B-page 27
MCP3302/04
8.0
PACKAGING INFORMATION
8.1
Package Marking Information
Legend: XX...X
Customer specific information*
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Note: In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line thus limiting the number of available characters
for customer specific information.
* Standard marking consists of Microchip part number, year code, week code, traceability code (facility code,
mask rev#, and assembly code). For marking beyond this, certain price adders apply. Please check with your
Microchip Sales Office.
14-Lead PDIP (300 mil)
Example:
14-Lead SOIC (150 mil)
Example:
XXXXXXXXXXXXXX
XXXXXXXXXXXXXX
YYWWNNN
XXXXXXXXXXX
YYWWNNN
MCP3302-B
I/P
0125NNN
XXXXXXXXXXX
MCP3302-B
0YWWNNN
XXXXXXXXXXX
XXXXXXXX
NNN
YYWW
14-Lead TSSOP (4.4mm) †
Example:
3302-C
NNN
IYWW
†Please contact Microchip Factory for B-Grade TSSOP devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com