Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC826TYMT Datasheet(PDF) 30 Page - Microchip Technology

Part # MIC826TYMT
Description  Gigabit Ethernet Switch Evaluation Board
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC826TYMT Datasheet(HTML) 30 Page - Microchip Technology

Back Button MIC826TYMT Datasheet HTML 26Page - Microchip Technology MIC826TYMT Datasheet HTML 27Page - Microchip Technology MIC826TYMT Datasheet HTML 28Page - Microchip Technology MIC826TYMT Datasheet HTML 29Page - Microchip Technology MIC826TYMT Datasheet HTML 30Page - Microchip Technology MIC826TYMT Datasheet HTML 31Page - Microchip Technology MIC826TYMT Datasheet HTML 32Page - Microchip Technology MIC826TYMT Datasheet HTML 33Page - Microchip Technology MIC826TYMT Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
FIGURE B-7:
EVB-KSZ9477 SOC GPIO LCD CONNECTOR MISC HEADER
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
31
33
35
37
39
41
43
45
47
49
2
0
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
42
44
46
48
50
J9
FPC 50 PIN
LCD Connector
PA0_LCDDAT0
PA1_LCDDAT1
PA2_LCDDAT2
PA3_LCDDAT3
PA4_LCDDAT4
PA5_LCDDAT5
PA6_LCDDAT6
PA7_LCDDAT7
PA8_LCDDAT8
PA9_LCDDAT9
PA10_LCDDAT10
PA11_LCDDAT11
PA12_LCDDAT12
PA13_LCDDAT13
PA14_LCDDAT14
PA15_LCDDAT15
PC14_LCDDAT16
PC13_LCDDAT17
PC12_LCDDAT18
PC11_LCDDAT19
PC10_LCDDAT20
PC15_LCDDAT21
PE27_LCDDAT22
PE28_LCDDAT23
PA28_LCDPCK
PD16_SPI0_NPCS3
PD23_AD3
PD10_SPI0_MISO
PD22_AD2
PD11_SPI0_MOSI
PD21_AD1
PD12_SPI0_SPCK
PD20_AD0
22R
R53
0R DNP
R52
22R
R55
0R DNP
R54
22R
R57
0R DNP
R56
22R
R51
0R DNP
R50
22R
R58
PA26_LCDVSYNC
PA27_LCDHSYNC
PA29_LCDDEN
PA25_LCDDISP
PE7_IRQ1
PE8_IRQ2
PA24_LCDPWM
PE6_RST_LCD
0R DNP
R49
NRST
6
0R
R48
5V_MAIN
3V3
PE0_MCI0_CD
6
PE2_PWR_MCI0
6
PE9_VBUS_SENSE
6
PE13
6
PE14
6
PE22_CLE
6
PE21_ALE
6
PD0_MCI0_CDA
6
PD1_MCI0_DA0
6
PD2_MCI0_DA1
6
PD3_MCI0_DA2
6
PD4_MCI0_DA3
6
PD5_MCI0_DA4
6
PD6_MCI0_DA5
6
PD7_MCI0_DA6
6
PD8_MCI0_DA7
6
PD9_MCI0_CK
6
0R DNP
R46
0R
R47
PA0_LCDDAT0
PA1_LCDDAT1
PA2_LCDDAT2
PA3_LCDDAT3
PA4_LCDDAT4
PA5_LCDDAT5
PA6_LCDDAT6
PA7_LCDDAT7
PA8_LCDDAT8
PA9_LCDDAT9
PA10_LCDDAT10
PA11_LCDDAT11
PA12_LCDDAT12
PA13_LCDDAT13
PA14_LCDDAT14
PA15_LCDDAT15
PC14_LCDDAT16
PC13_LCDDAT17
PC12_LCDDAT18
PC11_LCDDAT19
PC10_LCDDAT20
PC15_LCDDAT21
PE27_LCDDAT22
PE28_LCDDAT23
PA26_LCDVSYNC
PA27_LCDHSYNC
PA29_LCDDEN
PA25_LCDDISP
PE7_IRQ1
PE8_IRQ2
PA24_LCDPWM
PE23_ID_SYS
PE23_ID_SYS
PA28_LCDPCK
PD16_SPI0_NPCS3
PD23_AD3
PD10_SPI0_MISO
PD22_AD2
PD11_SPI0_MOSI
PD21_AD1
PD12_SPI0_SPCK
PD20_AD0
PE6_RST_LCD
NRST
PC22_SPI1_MISO
4
PC23_SPI1_MOSI
4
PC24_SPI1_SPCK
4
PC25_SPI1_NPCS0
4
FID1
MH1
MTHOLE 4-40 120DL 220PAD
MH2 MH3
Fiducials
FID2 FID3
FID4 FID5 FID6
Mounting Holes
MH4
PC26_TWD1
PC27_TWCK1
PC26_TWD1
PC27_TWCK1
22R
R125
22R
R124
3.3k
R132
3.3k
R133
3V3
PC16_TK0_AUDIO
PC17_TF0_AUDIO
PC18_TD0_AUDIO
PC19_RK0_AUDIO
PC20_RF0_AUDIO
PC21_RD0_AUDIO
PC16_TK0_AUDIO
PC17_TF0_AUDIO
PC18_TD0_AUDIO
PC19_RK0_AUDIO
PC20_RF0_AUDIO
PC21_RD0_AUDIO
PD10_SPI0_MISO
PD11_SPI0_MOSI
PD12_SPI0_SPCK
PD13_SPI0_NPCS0
PD13_SPI0_NPCS0
I/O Connector #1
22R
R129
22R
R130
3V3
PA19_TWCK2
5
PA18_TWD2
5
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
J22
PA30_TWD0_URXD1
PA31_TWCK0_UTXD1
PA30_TWD0_URXD1
PA31_TWCK0_UTXD1
5V_MAIN
0R
DNP
R131
3V3
3V3
1
2
3
4
5
6
J21
PE15
PE16
PE17
PE18
PE19
PE15
PE16
PE17
PE18
PE19
I/O Connector #2
PA0_LCDDAT0
E3
PA1_LCDDAT1
F5
PA2_LCDDAT2
D2
PA3_LCDDAT3
F4
PA4_LCDDAT4
D1
PA5_LCDDAT5
J10
PA6_LCDDAT6
G4
PA7_LCDDAT7
J9
PA8_LCDDAT8
F3
PA9_LCDDAT9
J8
PA10_LCDDAT10
E2
PA11_LCDDAT11
K8
PA12_LCDDAT12
F2
PA13_LCDDAT13
G6
PA14_LCDDAT14
E1
PA15_LCDDAT15
H5
PA16_LCDDAT16
H3
PA17_LCDDAT17
H6
PA18_LCDDAT18
H4
PA19_LCDDAT19
H7
PA20_LCDDAT20
H2
PA21_LCDDAT21
J6
PA22_LCDDAT22
G2
PA23_LCDDAT23
J5
PA24_LCDPWM
F1
PA25_LCDDISP
J4
PA26_LCDVSYNC
G3
PA27_LCDHSYNC
J3
PA28_LCDPCK
G1
PA29_LCDDEN
K4
PA30_TWD0
H1
PA31_TWCK0
K3
ATSAMA5D36A_BGA324
U7A
PD0
K5
PD1
P1
PD2
K6
PD3
R1
PD4
L7
PD5
P2
PD6
L8
PD7
R2
PD8
K7
PD9
U2
PD10
K9
PD11
M5
PD12
K10
PD13
N4
PD14
L9
PD15
N3
PD16
L10
PD17
N5
PD18
M6
PD19
T1
PD20
N2
PD21
M3
PD22
M2
PD23
L3
PD24
M1
PD25
N1
PD26
L1
PD27
L2
PD28
K1
PD29
K2
PD30
J1
PD31
J2
ATSAMA5D36A_BGA324
U7D
PC0_ETX0
D8
PC1_ETX1
A4
PC2_ERX0
E8
PC3_ERX1
A3
PC4_ETXEN
A2
PC5_ECRSDV
F8
PC6_ERXER
B3
PC7_EREFCK
G8
PC8_EMDC
B4
PC9_EMDIO
F7
PC10
A1
PC11
D7
PC12
C6
PC13
E7
PC14
B2
PC15
F6
PC16
B1
PC17
E6
PC18
C3
PC19
D6
PC20
C4
PC21
D5
PC22
C2
PC23
G9
PC24
C1
PC25
H10
PC26
H9
PC27
D4
PC28
H8
PC29
G5
PC30
D3
PC31
E4
ATSAMA5D36A_BGA324
U7C
PE0_A0/NBS0
P13
PE1_A1
R14
PE2_A2
R13
PE3_A3
V18
PE4_A4
P14
PE5_A5
U18
PE6_A6
T18
PE7_A7
R15
PE8_A8
P17
PE9_A9
P15
PE10_A10
P18
PE11_A11
R16
PE12_A12
N16
PE13_A13
R17
PE14_A14
N17
PE15_A15_SCK3
R18
PE16_A16_CTS3
N18
PE17_A17_RTS3
P16
PE18_A18_RXD3
M18
PE19_A19_TXD3
N15
PE20_A20_SCK2
M15
PE21_A21/NANDALE
N14
PE22_A22/NANDCLE
M17
PE23_A23_CTS2
M13
PE24_A24_RTS2
M16
PE25_A25_RXD2
N12
PE26_NCS0_TXD2
M14
PE27_NCS1_TIOA2
M12
PE28_NCS2_TIOB2
L13
PE29_NWR1/NBS1_TCLK2
L15
PE30_NWAIT
L14
PE31_IRQ_PWML1
L16
ATSAMA5D36A_BGA324
U7E
0R
DNP
R123
NC
1
NC
2
NC
3
GND
4
SDA
5
SCL
6
NC
7
VCC
8
NC
NC
NC
GND
SDA
SCL
NC
VCC
ATECC508A
U15
3V3
0.1uF
C94
PA18_TWD2
PA19_TWCK2
J15
47k
R97
Sec. Dev. Enable
Security
PME_N
4
RST_PHY_N
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com