Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9546 Datasheet(PDF) 72 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 72 Page - Analog Devices

Back Button AD9546 Datasheet HTML 68Page - Analog Devices AD9546 Datasheet HTML 69Page - Analog Devices AD9546 Datasheet HTML 70Page - Analog Devices AD9546 Datasheet HTML 71Page - Analog Devices AD9546 Datasheet HTML 72Page - Analog Devices AD9546 Datasheet HTML 73Page - Analog Devices AD9546 Datasheet HTML 74Page - Analog Devices AD9546 Datasheet HTML 75Page - Analog Devices AD9546 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 72 of 205
ANALOG LOOPBACK FEATURE
Figure 55 shows the analog loopback feature of the AD9546
color coded in red. Figure 56 shows a detailed diagram of the
internal structure of the analog loopback feature. The analog
loopback feature uses the REFB and REFBB pins as the analog
loopback input and the M4 pin as the analog loopback output.
The REFB and REFBB inputs both provide loopback paths at
the output of the single-ended receiver (the A path), the input
to the TDC (the B path) and a replica of the reference
demodulator synchronization signal (the C path). Note that the
A path does not provide access to the output of the differential
receiver.
The user selects the desired loopback path via Bits[2:0] of
Register 0x2D02 per Table 46. The user selects the loopback
path based on the operating configuration of the REFB or
REFBB input.
Table 46. Analog Loopback Path Selection
Bits[2:0] (Decimal)
Loopback Path
0 (Default)
Disable loopback
1
REFB receiver output to M4
2
REFBB receiver output to M4
3
REFB divider output to M4
4
REFBB divider output to M4
5
REFB demodulator synchronization
output to M4
6
REFBB demodulator synchronization
output to M4
7
Reserved
The selection of a loopback path (1 decimal through 6 decimal
in Table 46) substitutes the looped back analog clock signal for
the normal M4 status selection associated with Register 0x0186
(or Register 0x0106; see the Status and Control Pins section for
details). Furthermore, selecting a loopback path does not
automatically complete the loopback path. To complete the
loopback path, the user must enable the M4 output driver by
programming Register 0x0106, Bit 7 = 1.
MEASURING ROUND TRIP DELAY
The analog loopback feature enables the measurement of a
round trip delay. The main goal of a round trip delay
measurement is to quantify the interconnect delay, which tends
to be the dominant time error contributor in a distributed clock
system. A round trip delay measurement assumes the following
three conditions:
•
The DPLL channel operates in zero delay mode
•
The magnitude of the round trip delay is less than the
period of consecutive time stamp events associated with
TS1, TS2, or TS3 (see Figure 55)
•
The frequency of the common clocks is the same as the
frequency of the common clock reference
Operating in zero delay mode is a not a strict requirement, but
greatly simplifies the round trip delay measurement process.
The second and third conditions are not strict requirements,
but if violated, increase the complexity of the round trip delay
computation to a level beyond the scope of this data sheet.
To measure the round trip delay, the user programs one of the
UTS units of the master node to accept time stamps from the
physical clock converter associated with the common clock
reference, TS1 (refer to Figure 55). The UTS converts the TS1
time stamps to TC1 time codes. The user also programs a
second UTS unit to accept time stamps from the physical clock
converter associated with the desired analog loop back path. As
an example, assume the loopback path is from the lower slave
node in Figure 55. In this case, the UTS converts the TS2 time
stamps to TC2 time codes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com