Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4355ABCZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADA4355ABCZ
Description  Programmable Transimpedance, Current to Bits Receiver 關Module
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4355ABCZ Datasheet(HTML) 3 Page - Analog Devices

  ADA4355ABCZ Datasheet HTML 1Page - Analog Devices ADA4355ABCZ Datasheet HTML 2Page - Analog Devices ADA4355ABCZ Datasheet HTML 3Page - Analog Devices ADA4355ABCZ Datasheet HTML 4Page - Analog Devices ADA4355ABCZ Datasheet HTML 5Page - Analog Devices ADA4355ABCZ Datasheet HTML 6Page - Analog Devices ADA4355ABCZ Datasheet HTML 7Page - Analog Devices ADA4355ABCZ Datasheet HTML 8Page - Analog Devices ADA4355ABCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
Data Sheet
ADA4355
Rev. A | Page 3 of 45
SPECIFICATIONS
PERFORMANCE SPECIFICATIONS
TA = 25°C, VCC = 3.3 V, LDO enabled (see the power connection scheme shown in Figure 3), FSEL = 0, and the source capacitance (CS) =
0.5 pF, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT
Input Referred Current Noise, IN
TZ = 2 kΩ
159
nA rms
TZ = 20 kΩ
32
nA rms
TZ = 200 kΩ, FSEL = 1
4
nA rms
TZ = 2 kΩ, 65,536 averages
621
pA rms
TZ = 20 kΩ, 65,536 averages
125
pA rms
TZ = 200 kΩ, 65,536 averages, FSEL = 1
16
pA rms
Input Voltage, VIN
See Figure 2
1.65
V
Input Bias Current, IB
±1
nA
Linear Input Current Range, IIN
TZ = 2 kΩ
−80 to +800
µA
TZ = 20 kΩ
−8.0 to +80
µA
TZ = 200 kΩ
−0.8 to +8.0
µA
TZ Gain Accuracy
All gains
±1
±5
%
Input Capacitance
2.0
pF
ADC Input Bias Voltage
All gains, see Figure 2, IIN = 0 µA
825
mV
AC PERFORMANCE
Input Referred Supply Sensitivity
All gains
0.5
nA/mV
TIA Bandwidth
TZ = 2 kΩ
43
MHz
TZ = 20 kΩ
18
MHz
TZ = 200 kΩ
1.6
MHz
LPF Bandwidth
FSEL = 0
100
MHz
FSEL = 1
1.0
MHz
ADC PERFORMANCE
ADC Internal Reference Voltage (VREF)
0.98
1
1.02
V
Resolution
14
Bits
Sampling Rate
20
125
MSPS
No Missing Codes
Guaranteed
DIGITAL OUTPUTS, ANSI-644
Logic Compliance
LVDS
Differential Output Voltage, VOD
290
345
400
mV
Output Offset Voltage, VOS
1.15
1.25
1.35
V
Output Coding (Default)
Twos complement
OPERATION TEMPERATURE RANGE
−40
+85
°C
LPF
+
FDA
TIA
0.825V
0.825VDIFF
1.65V
VIN
FEEDBACK
NETWORK
GSEL0, GSEL1
FSEL
2
IIN
+
IN–
IN+
ADC
Figure 2. Internal Bias Voltages (FDA Is a Fully Differential Amplifier.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com