Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAQ23875BBCZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADAQ23875BBCZ
Description  16-Bit, 15 MSPS, 關Module Data Acquisition Solution
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAQ23875BBCZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADAQ23875BBCZ Datasheet HTML 9Page - Analog Devices ADAQ23875BBCZ Datasheet HTML 10Page - Analog Devices ADAQ23875BBCZ Datasheet HTML 11Page - Analog Devices ADAQ23875BBCZ Datasheet HTML 12Page - Analog Devices ADAQ23875BBCZ Datasheet HTML 13Page - Analog Devices ADAQ23875BBCZ Datasheet HTML 14Page - Analog Devices ADAQ23875BBCZ Datasheet HTML 15Page - Analog Devices ADAQ23875BBCZ Datasheet HTML 16Page - Analog Devices ADAQ23875BBCZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Data Sheet
ADAQ23875
Rev. 0 | Page 13 of 23
50
55
60
65
70
75
80
85
90
95
100
FREQUENCY (Hz)
1
10
100
1k
10k
100k
1M
10M
Figure 24. CMRR vs. Frequency
TEMPERATURE (°C)
–0.0080
–0.0075
–0.0070
–0.0065
–0.0060
–0.0055
–0.0050
80
70
60
50
40
30
20
10
0
–10
–20
–30
–40
Figure 25. Gain Error vs. Temperature
TEMPERATURE (°C)
2.047
2.048
2.049
2.050
80
70
60
50
40
30
20
10
0
–10
–20
–30
–40
Figure 26. Internal Reference Output vs. Temperature
FREQUENCY (Hz)
VS+
VS–
VDD
100
50
60
70
80
90
100
110
120
1k
10k
100k
1M
Figure 27. PSRR vs. Frequency
TEMPERATURE (°C)
–40 –30 –20 –10
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
0.10
0
10
20
30
40
50
60
70
80
Figure 28. Offset Error vs. Temperature
80
70
60
50
40
30
20
10
0
–10
–20
–30
–40
TEMPERATURE (°C)
0.80
0.85
0.90
0.95
1.00
Figure 29. Transition Noise vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com