Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADBMS1818ASWZ-R7 Datasheet(PDF) 49 Page - Analog Devices

Part # ADBMS1818ASWZ-R7
Description  18-Cell Battery Monitor with Daisy Chain Interface
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS1818ASWZ-R7 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADBMS1818ASWZ-R7 Datasheet HTML 45Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 46Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 47Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 48Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 49Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 50Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 51Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 52Page - Analog Devices ADBMS1818ASWZ-R7 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 89 page
background image
Data Sheet
ADBMS1818
THEORY OF OPERATION
analog.com
Rev. 0 | 49 of 89
Table 41. Port B (Master) isoSPI Port Function
Communication Event (Port A SPI)
Transmitted Pulse (Port B isoSPI)
CSB Rising
Long +1
CSB Falling
Long –1
SCK Rising Edge, SDI = 1
Short +1
SCK Rising Edge, SDI = 0
Short –1
Operation with Port A Configured for isoSPI
On the other side of the isolation barrier (that is, at the other end
of the cable), the 2nd ADBMS1818 has ISOMD = VREG so that its
Port A is configured for isoSPI. The slave isoSPI port (Port A or
Port B) receives each transmitted pulse and reconstructs the SPI
signals internally, as shown in Table 42. In addition, during a read
command this port can transmit return data pulses.
Table 42. Port A (Slave) isoSPI Port Function
Received Pulse (Port A
isoSPI)
Internal SPI Port Action Return Pulse
Long +1
Drive CSB high
None
Long –1
Drive CSB low
Short +1
1. Set SDI = 1
Short –1 pulse if reading a
0 bit
Table 42. Port A (Slave) isoSPI Port Function
Received Pulse (Port A
isoSPI)
Internal SPI Port Action Return Pulse
2. Pulse SCK
Short –1
1. Set SDI = 0
(No return pulse if not in
read mode or if reading a
1 bit)
2. Pulse SCK
The slave isoSPI port never transmits long (CSB) pulses. Further-
more, a slave isoSPI port only transmits short –1 pulses, never a +1
pulse. The master port recognizes a null response as a Logic 1.
Reversible isoSPI
When the ADBMS1818 is operating with Port A configured for
isoSPI, communication can be initiated from either Port A or Port B.
In other words, ADBMS1818 can configure either Port A or Port B
as a slave or master, depending on the direction of communication.
The reversible isoSPI feature permits communication from both
directions in a stack of daisy-chained devices. See Figure 84 for an
example schematic. Figure 85 shows the operation of the reversible
isoSPI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com