Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD-9501GI Datasheet(PDF) 1 Page - Microchip Technology

Part # PD-9501GI
Description  Single Port, 60W Industrial PoE Midspan
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD-9501GI Datasheet(HTML) 1 Page - Microchip Technology

  PD-9501GI Datasheet HTML 1Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
microchip.com
PD-9501GI/DC
Single Port, 60W Industrial PoE Midspan
Overview
The PD-9501GI/DCF is a single
port, high-power solution for
remote powering of current
and emerging high power
indoor applications. Generat-
ing 60W, the PD-9501GI/DCF
enables remote power for a new
range of applications including
802.11n access points, Pan-
Tilt Zoom (PTZ) cameras and
other IP terminals. It complies
to IEEE 802.3at PoE standard
and is backward compatible to
IEEE802.3af. It can power both
existing 10/100/1000Base-T
network devices and 1000BaseT
devices such as wireless IEEE
802.11ac access points.
Key Features
• IEEE 802.3at compliant – 60W output
• Dual DC inputs 20-60VDC range
• Industrial rated IP30
• Extended temp range –40ºC to +75ºC
• Plug and play installation
• Supports 10/100/1000 Mbps
Specifications
Feature
Description
No. of Ports
1
Data Rates
10/100/1000 Mbps
Power over Ethernet
Output
Pin Assignment and Polarity: 1/2 (-), 3/6 (+), 4/5 (+), 7/8 (–)
Output Voltage: 55Vdc
User Port Power
60 Watts (Guaranteed)
Input Power
Requirements
DC Input Voltage: 20 to 60 Vdc
DC Input Current: 4A max
Dimensions
35 mm (W) x 111 mm (H) x 78 mm (L)
1.38 in. x 4.37 in. x 3.07 in
Weight
0.82 lbs (373g)
Indicators
Power 1 – Source power 1 is connected Power 2 – Source power 2
is connected Alarm – 1 source power is Fault
PoE – PoE is active and providing power
Connectors
Shielded RJ-45, EIA 568 A and 568 B
Environmental
Conditions
Operating Ambient Temperature:
-40ºF to 167ºF (-40ºC to 75ºC)
Storage Temperature:
-40ºF to 185ºF (-40ºC to 85ºC)
Reliability
MTBF: 170,000 hrs. @25ºC
Warranty
1-year
Regulatory
Compliance
IEEE 802.3at (PoE), RoHS Compliant, WEEE Compliant, CE
Electromagnetic
Emission & Immunity
FCC Part 15, Class A
EN 55022 Class A (Emissions) EN 55024 (Immunity)
Safety Approvals
UL508
Shock
IEC 60068-2-27
Freefall
IEC 60068-2-31
Vibration
IEC 60068-2-6
Ordering Information
Part Number
Name
Description
PD-9501GI/DCF
PD-9501GI/DC
60W Industrial PoE Midspan, Dual DC input
The Microchip name and logo and the Microchip logo are registered trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. All other trademarks mentioned herein
are property of their respective companies.
© 2021, Microchip Technology Incorporated. All Rights Reserved. 1/21
DS00003809A


Similar Part No. - PD-9501GI

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
PD-9501G MICROSEMI-PD-9501G Datasheet
819Kb / 2P
60W, Gigabit, Single-port PoE Midspan, 24VDC Input
PD-9501G MICROSEMI-PD-9501G Datasheet
1Mb / 2P
60W, Gigabit, Single-port PoE Midspan, 48VDC Input
PD-9501G-AC MICROSEMI-PD-9501G-AC Datasheet
541Kb / 2P
Media converter: SFP to PoE All 3 ports can be active simultaneously
PD-9501G-SFP MICROSEMI-PD-9501G-SFP Datasheet
541Kb / 2P
Media converter: SFP to PoE All 3 ports can be active simultaneously
logo
Microchip Technology
PD-9501G-SFP MICROCHIP-PD-9501G-SFP Datasheet
494Kb / 2P
PoE Media Converter, 60W PoE Output
7/21
More results

Similar Description - PD-9501GI

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
PD-3501G MICROSEMI-PD-3501G Datasheet
549Kb / 2P
Single-port Gigabit PoE Midspan, 802.3af Compliant
PD-9501G MICROSEMI-PD-9501G Datasheet
819Kb / 2P
60W, Gigabit, Single-port PoE Midspan, 24VDC Input
PD-9501G MICROSEMI-PD-9501G_V01 Datasheet
1Mb / 2P
60W, Gigabit, Single-port PoE Midspan, 48VDC Input
PD-9501GO MICROSEMI-PD-9501GO Datasheet
1Mb / 2P
Single-port, Outdoor PoE Midspan, 60W, IEEE802.3at Compliant
PD-9501GO MICROSEMI-PD-9501GO_V01 Datasheet
1Mb / 2P
Single-port, Outdoor PoE Midspan, 60W, IEEE802.3at Compliant
logo
Microchip Technology
PD-9001GI MICROCHIP-PD-9001GI Datasheet
447Kb / 2P
Single-Port 30W Industrial PoE Midspan
5/21
PD-9501-10GC MICROCHIP-PD-9501-10GC Datasheet
488Kb / 2P
Single-Port, 10 Gbps, IEEE 802.3bt Type3 60W, Indoor PoE Midspan
6/21
PD-9501GC MICROCHIP-PD-9501GC Datasheet
417Kb / 2P
Single-Port IEEE802.3bt 60W Gigabit PoE Midspan
6/21
PD-9501GCI MICROCHIP-PD-9501GCI Datasheet
328Kb / 2P
Single-Port, IEEE 802.3bt Type3 60W, 20??0 VDC, Industrial PoE Midspan
6/20
PD-9601GC MICROCHIP-PD-9601GC Datasheet
487Kb / 2P
Single-Port, IEEE짰 802.3bt 90W PoE Midspan
7/21
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com