Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR2D1321 Datasheet(PDF) 2 Page - Schneider Electric

Part # LR2D1321
Description  thermal overload relay for motor - 12...18 A - class 10A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LR2D1321 Datasheet(HTML) 2 Page - Schneider Electric

  LR2D1321 Datasheet HTML 1Page - Schneider Electric LR2D1321 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Packing Units
Package 1 Weight
0.197 Kg
Package 1 Height
0.700 Dm
Package 1 width
0.450 Dm
Package 1 Length
1.000 Dm
Contractual warranty
Warranty
18 months
Product Life Status :
End of commercialisation
LR2D1321 may be replaced by any of the following products:
LRD21
Thermal overload relay, TeSys LRD, 12...18 A, class 10A
Qty 1
Reason for Substitution: End of life | Substitution date: 12 Jan 2000 | pas de montage direct sur les anciens contacteurs (rajouter platine)
LRD21
Thermal overload relay, TeSys LRD, 12...18 A, class 10A
Qty 1
Reason for Substitution: End of life | Substitution date: 09 Oct 2008 | Codice commercializzato con prestazioni più simili al codice ricercato
LRD21
Thermal overload relay, TeSys LRD, 12...18 A, class 10A
Qty 1
Reason for Substitution: End of life | Substitution date: 01 Jan 2019 |
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com