Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDD-1200LS Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part # LDD-1200LS
Description  DC-DC Constant Current Step-Down LED driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LDD-1200LS Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  LDD-1200LS Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LDD-1200LS Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. LDD-1200LS Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. LDD-1200LS Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. LDD-1200LS Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. LDD-1200LS Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
11
2
21
14
21
23
11
2
BOTTOM
VI EW
Blank type(LDD-
-
-
1000~1500L):
1000~1500LW):
1000~1500LS):
W type(LDD
S type(LDD
1
24
12
13
BOTTOM
VIEW
20.3 [0.80]
25.4 [1.00]
0.5 [0.02]
1.0 [0.04]
10.9 [0.43]
11.4 [0.45]
23
14
21
11
2
0.25[0.010]
1.5[0.059]
ψ0.60
NOTE: All wires UL3385 22AWG
Mechanical Specification
Unit: mm (inch)
Pin Configuration
14
13
12
11
23
24
21
2
1
BOTTOM
VI EW
SIDE
VI EW
SIDE
VI EW
100 10mm
±
52mm
±
12.2
[0.48 ]
NOTE: Pin tolerance 0.05mm
±
2.54mm
2.03[0.08]
1.5[0.06]
2.54[0.1]
TOP VIEW
12
11 12
13
14
21
23
24
Recommended PCB layout (for LDD-1000~1500LS)
20.3 [0.80]
15.24 [0.60]
12.2 [0.48]
20.3 [0.80]
3.81 [0.15]
Pin No.
Pin No.
Pin No.
1,2
1,2
11,12
11,12
13,14
13,14
23,24
23,24
others
21
21
2
11
14
21
23
-Vin
-Vin
-Vout
-Vout
+Vout
+Vout
+Vin
+Vin
N.C
DIM
DIM
(Black)
(Blue)
(Yellow)
DIM (White)
(Red)
PWM +analog
PWM +analog
-Vin
-Vout
+Vout
PWM +analog
+Vin
Comment
Comment
Comment
Don't connect to -Vout
Don't connect to -Vout
LED - Connection
LED - Connection
LED + Connection
LED + Connection
DC Supply
DC Supply
No connection
ON/OFF and PWM / analog Dimming
(Leave open if not used)
ON/OFF and PWM / analog Dimming
(Leave open if not used)
Don't connect to -Vout
LED - Connection
LED + Connection
ON/OFF and PWM / analog Dimming
(Leave open if not used)
DC Supply
DC-DC Constant Current Step-Down LED driver
LDD-L series
File Name:LDD-L-SPEC 2020-10-30



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com