Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AC240 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 74AC240
Description  Advanced CMOS Logic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74AC240 Datasheet(HTML) 2 Page - Silicon Supplies

  74AC240 Datasheet HTML 1Page - Silicon Supplies 74AC240 Datasheet HTML 2Page - Silicon Supplies 74AC240 Datasheet HTML 3Page - Silicon Supplies 74AC240 Datasheet HTML 4Page - Silicon Supplies 74AC240 Datasheet HTML 5Page - Silicon Supplies 74AC240 Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Page 2 of 6
www.siliconsupplies.com
d
Advanced CMOS Logic – 74AC240
Rev 1.0
01/05/18
Pad Layout and Functions
Logic Diagram
1750µm (68.90 mils)
0,0
1
2
3
4
5
6
7
8
9
10
10
11
12
13
14
15
16
17
18
19
20
20
DIE ID
COORDINATES (mm)
PAD
FUNCTION
X
Y
1
1OE
0.100
0.630
2
1A1
0.100
0.290
3
2Y4
0.150
0.100
4
1A2
0.410
0.100
5
2Y3
0.680
0.100
6
1A3
0.950
0.100
7
2Y2
1.180
0.100
8
1A4
1.500
0.100
9
2Y1
1.520
0.330
10
GND
1.520
0.600
10
GND
1.520
0.770
11
2A1
1.520
0.990
12
1Y4
1.520
1.270
13
2A2
1.500
1.460
14
1Y3
1.180
1.460
15
2A3
0.950
1.460
16
1Y2
0.680
1.460
17
2A4
0.410
1.460
18
1Y1
0.150
1.460
19
2OE
0.100
1.270
20
VCC
0.100
1.000
20
VCC
0.100
0.830
CONNECT CHIP BACK TO VCC OR FLOAT
Truth Table
INPUTS
OUTPUTS
1OE
2OE
1A, 2A
1Y, 2Y
L
L
H
L
H
X
H
L
Z
H = High level (steady state)
L = Low level (steady state)
X = Don’t care, Z = High impedance



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com