Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD5030 Datasheet(PDF) 1 Page - Silicon Supplies

Part # TPD5030
Description  ESD Protection Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

TPD5030 Datasheet(HTML) 1 Page - Silicon Supplies

  TPD5030 Datasheet HTML 1Page - Silicon Supplies TPD5030 Datasheet HTML 2Page - Silicon Supplies TPD5030 Datasheet HTML 3Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ESD Protection Diode – TPD5030
Monolithic dual diode transient voltage suppressor in bare die form
Configures as x2 unidirectional or x1 bidirectional (x2 wire)
Very low leakage
Low capacitance
5V stand-off voltage
High reliability tested grades.
Rev 1.0
29/11/20
Features:
Ordering Information
The following part suffixes apply:
No suffix - MIL-STD-750 /2073 Visual Inspection
“H” - MIL-STD-750 /2073 Visual Inspection
+ MIL-PRF-38534 Class H LAT
“K” - MIL-STD-750 /2073 Visual Inspection
+ MIL-PRF-38534 Class K LAT
LAT = Lot Acceptance Test.
For further information on LAT process flows see below.
www.siliconsupplies.com\quality\bare-die-lot-qualification
Supply Formats:
Mechanical Specification
290 (11.42)
90 (3.54)
CATHODE
CATHODE
90 (3.54)
CHIP BACK MUST BE CONNECTED TO ANODE
NOTE:
THIS MONOLITHIC CHIP COMPRISES X2 UNIDIRECTIONAL TVS
DIODES WITH COMMON ANODE CONNECTION.
Die Dimensions in µm (mils)
Default – Die in Waffle Pack (400 per tray capacity)
Die Size (Unsawn)
290 x 350
11.42 x 13.78
µm
mils
Cathode Pad Size
Sawn Wafer on Tape – By specific request
90 x 90
3.54 x 3.54
µm
mils
Die Thickness
Unsawn Wafer – By specific request
Die Thickness <> 230µm(9 Mils) – On request
With additional electrical selection – On request
230 (±15)
9.05 (±0.59)
µm
mils
Top Metal Composition
Al
Back Metal Composition
Si
Page 1 of 3
www.siliconsupplies.com


Similar Part No. - TPD5030

ManufacturerPart #DatasheetDescription
logo
Wuxi Unigroup Microelec...
TPD50R250C WUMC-TPD50R250C Datasheet
1Mb / 12P
500V Super-Junction Power MOSFET
TPD50R250C WUMC-TPD50R250C Datasheet
1Mb / 12P
500V Super-Junction Power MOSFET
TPD50R3K8D WUMC-TPD50R3K8D Datasheet
666Kb / 8P
500V Super-junction Power MOSFET
V1.0
TPD50R3K8D WUMC-TPD50R3K8D Datasheet
666Kb / 8P
500V Super-junction Power MOSFET
V1.0
TPD50R500C WUMC-TPD50R500C Datasheet
1Mb / 12P
500V Super-Junction Power MOSFET
More results

Similar Description - TPD5030

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS9502 DALLAS-DS9502 Datasheet
67Kb / 3P
ESD Protection Diode
logo
Rohm
RSB6.8G ROHM-RSB6.8G Datasheet
160Kb / 3P
ESD Protection diode
logo
AUK corp
SDT6B2Q AUK-SDT6B2Q Datasheet
52Kb / 3P
ESD Protection Diode
SDT6D8EF AUK-SDT6D8EF Datasheet
255Kb / 3P
ESD Protection Diode
logo
Leshan Radio Company
LESD7D5.0T5G LRC-LESD7D5.0T5G Datasheet
499Kb / 6P
ESD PROTECTION DIODE
logo
Sanyo Semicon Device
DA473S6 SANYO-DA473S6 Datasheet
285Kb / 4P
ESD Protection Diode
logo
Pan Jit International I...
PJQA6V8C PANJIT-PJQA6V8C Datasheet
209Kb / 3P
ESD Protection diode
logo
WILLAS ELECTRONIC CORP
SESD9DXXV WILLAS-SESD9DXXV Datasheet
387Kb / 4P
ESD Protection Diode
logo
Rohm
RSB6.8STE61 ROHM-RSB6.8STE61 Datasheet
394Kb / 3P
ESD Protection diode
logo
ON Semiconductor
ESD8018 ONSEMI-ESD8018 Datasheet
176Kb / 11P
ESD Protection Diode
July, 2015 ??Rev. 1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com