Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KFD2-UT2-1 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # KFD2-UT2-1
Description  Universal Temperature Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KFD2-UT2-1 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  KFD2-UT2-1 Datasheet HTML 1Page - List of Unclassifed Manufacturers KFD2-UT2-1 Datasheet HTML 2Page - List of Unclassifed Manufacturers KFD2-UT2-1 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Technical data
KFD2-UT2-1
Subject to reasonable modifications due to technical advances.
Copyright Pepperl+Fuchs, Printed in Germany
Pepperl+Fuchs Group • Tel.: Germany +49-621-776-0 • USA +1-330-4253555 • Singapore +65-67-799091 • Internet www.pepperl-fuchs.com
3
Protection degree
IP20
Mass
approx. 130 g
Dimensions
20 x 119 x 115 mm (0.8 x 4.7 x 4.5 in) , housing type B2
General information
Supplementary information
Statement of Conformity, Declaration of Conformity, Attestation of Conformity and instructions have to be
observed where applicable. For information see www.pepperl-fuchs.com.
Power feed modules KFD2-EB2...
The power feed module is used to supply the devices with 24 V DC via the Power Rail. The fuse-protected power feed module
can supply up to 100 individual devices depending on the power consumption of the devices. A galvanically isolated mechanical
contact uses the Power Rail to transmit collective error messages.
Power Rail UPR-03
The Power Rail UPR-03 is a complete unit consisting of the electrical inset and an aluminium profile rail 35 mm x 15 mm. To
make electrical contact, the devices are simply engaged.
The Power Rail must not be fed via the device terminals of the individual devices!
K-CJC-**
This removable terminal block with integrated temperature measurement sensor is needed for internal cold junction
compensation for thermocouples. One K-CJC-** is needed for each channel.
PACTware™
Device-specific drivers (DTM)
Adapter K-ADP1
Programming adapter for parameterisation via the serial RS 232 interface of a PC/Notebook
For programming, please use the new version of adapter K-ADP1 (part no. 181953, connector length 14mm). When using the
previous version K-ADP1 (connector length 18 mm) the plug is exposed by approx. 3 mm. The function is not affected.
Adapter K-ADP-USB
Programming adapter for parameterisation via the serial USB interface of a PC/Notebook
Accessories



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com