Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5580 Datasheet(PDF) 22 Page - Analog Devices

Part # ADL5580
Description  Fully Differential, 10 GHz ADC Driver with 10 dB Gain
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5580 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADL5580 Datasheet HTML 14Page - Analog Devices ADL5580 Datasheet HTML 15Page - Analog Devices ADL5580 Datasheet HTML 16Page - Analog Devices ADL5580 Datasheet HTML 17Page - Analog Devices ADL5580 Datasheet HTML 18Page - Analog Devices ADL5580 Datasheet HTML 19Page - Analog Devices ADL5580 Datasheet HTML 20Page - Analog Devices ADL5580 Datasheet HTML 21Page - Analog Devices ADL5580 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
ADL5580
Data Sheet
Rev. 0 | Page 22 of 22
OUTLINE DIMENSIONS
4.10
4.00 SQ
3.90
TOP VIEW
SIDE VIEW
BOTTOM VIEW
1
5
6
10
11
15
16
20
0.50
BSC
0.275
REF
0.80 BSC
SQ
1.00
REF
0.96
BSC
0.48
BSC
2.00 REF
SQ
0.39
0.36
0.33
0.30
0.27
0.24
0.396
0.356
0.316
FOR PROPER CONNECTION OF
THE EXPOSED PADS, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET
PIN 1
CORNER AREA
0.89
0.81
0.73
0.52
0.45
0.38
PIN 1
INDICATOR
Figure 36. 20-Terminal Land Grid Array [LGA]
(CC-20-7)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADL5580BCCZ
−40°C to +85°C
20-Terminal Land Grid Array [LGA]
CC-20-7
ADL5580BCCZ-R7
−40°C to +85°C
20-Terminal Land Grid Array [LGA]
CC-20-7
ADL5580-EVALZ
Evaluation Board
AD-FMCADC20-DC-EBZ
DC-Coupled Combination AD9213 and ADL5580 Reference Design
AD-FMCADC20-EBZ
AC-Coupled Combination AD9213 and ADL5580 Reference Design
1 Z = RoHS-Compliant Part.
©2020 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D17004-12/20(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com