Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPA1105 Datasheet(PDF) 11 Page - Analog Devices

Part # ADPA1105
Description  46 dBm (40 W), 0.9 GHz to 1.6 GHz, GaN Power Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1105 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADPA1105 Datasheet HTML 7Page - Analog Devices ADPA1105 Datasheet HTML 8Page - Analog Devices ADPA1105 Datasheet HTML 9Page - Analog Devices ADPA1105 Datasheet HTML 10Page - Analog Devices ADPA1105 Datasheet HTML 11Page - Analog Devices ADPA1105 Datasheet HTML 12Page - Analog Devices ADPA1105 Datasheet HTML 13Page - Analog Devices ADPA1105 Datasheet HTML 14Page - Analog Devices ADPA1105 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
ADPA1105
Rev. 0 | Page 11 of 16
70
0
10
20
30
40
50
60
0.9
1.6
FREQUENCY (GHz)
1.01.1
1.21.3
1.41.5
PW = 500µs, DUTY CYCLE = 20%
PW = 200µs, DUTY CYCLE = 20%
PW = 100µs, DUTY CYCLE = 10%
PW = 50µs, DUTY CYCLE = 5%
PW = 20µs, DUTY CYCLE = 2%
Figure 37. PAE vs. Frequency at Various Pulse Widths
and Duty Cycles, PIN = 19 dBm
32
16
18
20
22
24
26
28
30
0.9
1.6
FREQUENCY (GHz)
1.01.1
1.21.3
1.41.5
PW = 500µs, DUTY CYCLE = 20%
PW = 200µs, DUTY CYCLE = 20%
PW = 100µs, DUTY CYCLE = 10%
PW = 50µs, DUTY CYCLE = 5%
PW = 20µs, DUTY CYCLE = 2%
Figure 38. Gain vs. Frequency at Various Pulse Widths
and Duty Cycles, PIN = 16 dBm
60
0
PIN (dBm)
5
10
15
20
25
30
35
40
45
50
55
POUT
GAIN
PAE
IDD
1800
300
425
550
675
800
925
1050
1175
1300
1425
1550
1675
Figure 39. POUT, Gain, PAE, and Supply Current (IDD) vs. PIN
at 0.9 GHz
32
16
18
20
22
24
26
28
30
0.9
1.6
FREQUENCY (GHz)
1.01.1
1.21.3
1.41.5
PW = 500µs, DUTY CYCLE = 20%
PW = 200µs, DUTY CYCLE = 20%
PW = 100µs, DUTY CYCLE = 10%
PW = 50µs, DUTY CYCLE = 5%
PW = 20µs, DUTY CYCLE = 2%
Figure 40. Gain vs. Frequency at Various Pulse Widths
and Duty Cycles, PIN = 19 dBm
65
0
–6
22
INPUT POWER (dBm)
5
10
15
20
25
30
35
40
45
50
55
60
–4–2
0
2
4
6
8
1012141618 20
1600
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
POUT
GAIN
PAE
IDD
Figure 41. POUT, Gain, PAE, and IDD vs. Input Power
at 1.2 GHz
–7
23
65
0
PIN (dBm)
5
10
15
20
25
30
35
40
45
50
55
60
1600
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
–5 –3 –1
1
3
5
7
9
11 13 15 17 19 21
POUT
GAIN
PAE
IDD
Figure 42. POUT, Gain, PAE, and IDD vs. PIN
at 1.6 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com