Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD-FMCADC20-EBZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD-FMCADC20-EBZ
Description  Fully Differential, 10 GHz ADC Driver with 10 dB Gain
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD-FMCADC20-EBZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD-FMCADC20-EBZ Datasheet HTML 14Page - Analog Devices AD-FMCADC20-EBZ Datasheet HTML 15Page - Analog Devices AD-FMCADC20-EBZ Datasheet HTML 16Page - Analog Devices AD-FMCADC20-EBZ Datasheet HTML 17Page - Analog Devices AD-FMCADC20-EBZ Datasheet HTML 18Page - Analog Devices AD-FMCADC20-EBZ Datasheet HTML 19Page - Analog Devices AD-FMCADC20-EBZ Datasheet HTML 20Page - Analog Devices AD-FMCADC20-EBZ Datasheet HTML 21Page - Analog Devices AD-FMCADC20-EBZ Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Data Sheet
ADL5580
Rev. 0 | Page 21 of 22
Address: 0x101, Reset: 0x33, Name: GEN_CTL1
Table 20. Bit Descriptions for GEN_CTL1
Bit(s)
Bit Name
Description
Reset
Access
7
RESERVED
Reserved.
0x0
R
[6:4]
PRG_CPEAK_1P8V
These bits set up CPEAK.
0x3
R/W
[3:2]
RESERVED
Reserved.
0x0
R
1
EN_AMP_1P8V
Enable Amplifier Block.
0x1
R/W
0
EN_REF_1P8V
Enable Reference Block.
0x1
R/W
Address: 0x200, Reset: 0x01, Name: SPI_CTL
Table 21. Bit Descriptions for SPI_CTL
Bit(s)
Bit Name
Description
Reset
Access
[7:1]
RESERVED
Reserved
0x0
R
0
SPI_1P8_3P3_CTRL
SPI Supply Control
0x1
R/W
0: 1.8 V readback
1: 3.3 V readback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com