Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWW0Y5PA Datasheet(PDF) 12 Page - Seoul Semiconductor

Part # SWW0Y5PA
Description  High reliability and High quality of light High-Power LED for Automotive
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWW0Y5PA Datasheet(HTML) 12 Page - Seoul Semiconductor

Back Button SWW0Y5PA Datasheet HTML 8Page - Seoul Semiconductor SWW0Y5PA Datasheet HTML 9Page - Seoul Semiconductor SWW0Y5PA Datasheet HTML 10Page - Seoul Semiconductor SWW0Y5PA Datasheet HTML 11Page - Seoul Semiconductor SWW0Y5PA Datasheet HTML 12Page - Seoul Semiconductor SWW0Y5PA Datasheet HTML 13Page - Seoul Semiconductor SWW0Y5PA Datasheet HTML 14Page - Seoul Semiconductor SWW0Y5PA Datasheet HTML 15Page - Seoul Semiconductor SWW0Y5PA Datasheet HTML 16Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Product Data Sheet
www.seoulsemicon.com
12
Rev1.0, Mar. 23, 2018
SWW0Y5PA
– WICOP-C
Color Bin Structure
Fig 10. Color Coordinate Diagram, T
a =25℃, IF=1.0A
BIN
CIE X
CIE Y
BIN
CIE X
CIE Y
L1
0.3117
0.3153
L2
0.3201
0.3303
0.3137
0.3033
0.3213
0.3168
0.3213
0.3168
0.3300
0.3324
0.3201
0.3303
0.3298
0.3478
L3
0.3298
0.3478
L4
0.3414
0.3685
0.3300
0.3324
0.3403
0.3511
0.3403
0.3511
0.3503
0.3687
0.3414
0.3685
0.3509
0.3745



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com