Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H750 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STM32H750
Description  High-performance value lines
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H750 Datasheet(HTML) 2 Page - STMicroelectronics

  STM32H750 Datasheet HTML 1Page - STMicroelectronics STM32H750 Datasheet HTML 2Page - STMicroelectronics STM32H750 Datasheet HTML 3Page - STMicroelectronics STM32H750 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Focusing on real-time
performance and
scalability, ST’s new Value
lines lower the barrier
to access STM32H7
microcontrollers with
products keeping just the
essential Flash memory.
With execution
performance up to 2778
CoreMark at the heart of
a secure, power-efficient
architecture, the new
Value line microcontrolles
are the entry point to IoT
innovation in medical,
industrial and consumer
applications.
STM32H730, STM32H750
& STM32H7B0 devices
embed 128-Kbyte Flash
memory to accommodate
the most critical and
secure code, while
supporting external
memory extension using
NOR, NAND, SDRAM,
dual-mode Quad SPI or
Octal-SPI Flash memory.
Notes:
1. Tightly Coupled Memories
2. Digital Filters for Sigma Delta Modulator
CORE, MEMORIES
• Arm® Cortex®-M7 core up to 550 MHz
• Up to 32-Kbyte data and 32-Kbyte
instruction cache
• Up to 4 DMA controllers
• 128-Kbyte Flash memory and up to
1.4-Mbyte RAM
• ITCM/DTCM1: 64-Kbyte ITCM RAM +
128-Kbyte DTCM RAM for time-critical
routines
CONNECTIVITY
• Up to 2 x USB 2.0 OTG FS/HS with
embedded FS PHY
• USART, UART, SPI, and I²C
• Up to 3 x CAN FD
• Ethernet MAC
• FMC supporting SDRAM in 32-bit mode,
PSRAM, NOR and NAND
• Dual-mode Quad-SPI or dual Octal-SPI
supporting Octal Flash and HyperRAM™
• 2 x SDMMC
EMBEDDED FLASH
• Secure Boot for customer Root of Trust
• Fast boot time
• High-execution speed from ultra fast
embedded memory
ENERGY EFFICIENT
• Flexible power mode
• Gated power domains
• On-chip power management
AUDIO
• 3 x I²S + audio PLL
• Up to 4 x SAI
• 2 x 12-bit DAC
• SPDIF-RX
GRAPHICS
• LCD TFT controller
• JPEG Codec
• Chrom-ART Accelerator™
• Chrom-GRC™
OTHER
• 8- to 14-bit Camera interface
• Crypto and Hash hardware acceleration
• DFSDM interface to connect microphone
MEMs or sigma delta ADC front ends
• 16- and 32-bit timers
• Up to 3 x ADCs with up to 16-bit
resolution (up to 3.6 MSPS)
• 1 x 12 bit ADC (up to 5 MSPS)
• Analog (comparators and Op amps)
• Power supply down to 1.62 V
• Security services option
EXTRA FLEXIBILITY TO CREATE AFFORDABLE PERFORMANCE-ORIENTED SYSTEMS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com