Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESI Datasheet(PDF) 2 Page - Carlo Gavazzi Holding AG

Part # ESI
Description  Electromagnetic safety interlock with separated actuator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

ESI Datasheet(HTML) 2 Page - Carlo Gavazzi Holding AG

  ESI Datasheet HTML 1Page - Carlo Gavazzi Holding AG ESI Datasheet HTML 2Page - Carlo Gavazzi Holding AG ESI Datasheet HTML 3Page - Carlo Gavazzi Holding AG ESI Datasheet HTML 4Page - Carlo Gavazzi Holding AG ESI Datasheet HTML 5Page - Carlo Gavazzi Holding AG ESI Datasheet HTML 6Page - Carlo Gavazzi Holding AG ESI Datasheet HTML 7Page - Carlo Gavazzi Holding AG ESI Datasheet HTML 8Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Carlo Gavazzi Automation S.p.A.
ESI
ESI DS EN
25/09/2020
References
Order code
ESI
1
024
Enter the code option instead of
Code
Option Description
E
-
Electromagnetic
S
-
Safety
I
-
Interlock
31
3NC (1NC actuator, 2NC solenoid) + 1NO (solenoid)
22
2NC (solenoid) + 2NO (1NO actuator, 1NO solenoid)
13
1NO (actuator) + 3NC (1NC actuator, 2NC solenoid)
1
-
Head orientation: frontal
E
Electrical block
M
Mechanical block
024
-
24 Vac/dc
K25
K26
K27
K28
K29
Fig. 1 Head orientation
Fig. 2 Actuators (to be ordered separately)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com