Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD620 Datasheet(PDF) 9 Page - Analog Devices

Part # AD620
Description  Precision Instrumentation Amplifier with Level Shift and Output Clamping
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD620 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD620 Datasheet HTML 5Page - Analog Devices AD620 Datasheet HTML 6Page - Analog Devices AD620 Datasheet HTML 7Page - Analog Devices AD620 Datasheet HTML 8Page - Analog Devices AD620 Datasheet HTML 9Page - Analog Devices AD620 Datasheet HTML 10Page - Analog Devices AD620 Datasheet HTML 11Page - Analog Devices AD620 Datasheet HTML 12Page - Analog Devices AD620 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LT6372-1
9
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Current Noise Density vs
Frequency
0.1Hz to 10Hz Voltage Noise,
G = 1, RTI
0.1Hz to 10Hz Voltage Noise,
G = 10, RTI
0.1Hz to 10Hz Voltage Noise,
G = 100, RTI
0.1Hz to 10Hz Voltage Noise,
G = 1000, RTI
0.1Hz to 10Hz Noise Current,
Unbalanced Source R
0.1Hz to 10Hz Noise Current,
Balanced Source R
VS = ±15V
TA = 25°C
G = 10
TIME (1s/DIV)
6372-1 G32
UNBALANCED SOURCE R
VS = ±15V
TA = 25°C
TIME (1s/DIV)
6372-1 G35
UNBALANCED SOURCE R
BALANCED SOURCE R
FREQUENCY (Hz)
0.1
1
10
100
1k
10k
100k
10
100
1000
6372-1 G30
VS = ±15V
TA = 25°C
G = 100
TIME (1s/DIV)
6372-1 G33
BALANCED SOURCE R
VS = ±15V
TA = 25°C
TIME (1s/DIV)
6372-1 G36
VS = ±15V
TA = 25°C
G = 1
TIME (1s/DIV)
6372-1 G31
VS = ±15V
TA = 25°C
G = 1000
TIME (1s/DIV)
6372-1 G34
TA = 25°C, VS = ±15V, VCM = VREF1 = VREF2  = 0V, VCLLO = V–, VCLHI = V+, RL = 2k, unless otherwise noted.
Input-Referred Voltage Noise
Density vs Frequency
BW LIMIT
G = 1000
1/fCORNER = 1Hz
1/fCORNER = 2Hz
1/fCORNER = 3Hz
FREQUENCY (Hz)
0.1
1
10
100
1k
10k
100k
1
10
100
400
6372-1 G29
G = 1
G = 10
G = 100, 1000
VS = ±15V
G = 1
G = 10
G = 100
G = 1000
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
20
40
60
80
100
120
140
160
Ratio vs Frequency
Negative Power Supply Rejection
6372-1 G28
Negative Power Supply Rejection
Ratio vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com